Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2626 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza UC2626
Descripción Electrónicos  BRUSHLESS ESS DC MOTOR CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC2626 Datasheet(HTML) 4 Page - Texas Instruments

  UC2626 Datasheet HTML 1Page - Texas Instruments UC2626 Datasheet HTML 2Page - Texas Instruments UC2626 Datasheet HTML 3Page - Texas Instruments UC2626 Datasheet HTML 4Page - Texas Instruments UC2626 Datasheet HTML 5Page - Texas Instruments UC2626 Datasheet HTML 6Page - Texas Instruments UC2626 Datasheet HTML 7Page - Texas Instruments UC2626 Datasheet HTML 8Page - Texas Instruments UC2626 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
UCC2626, UCC3626
SLUS318B – APRIL 1999 – REVISED JANUARY 2002
4
www.ti.com
electrical characteristics over recommended operating conditions, VCC = 12 V; CT = 1 nF,
R_TACH = 250 k
Ω, C_TACH = 100 pF, TA = TJ, TA = –40°C to 85°C for the UCC2626, and 0°C to 70°C
for the UCC3626 (unless otherwise noted)
overall
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current
Outputs not switching
1
3
5
mA
undervoltage lockout
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start threshold
9.0
10.5
11.0
V
UVLO hysteresis
0.35
0.40
0.50
V
5-V reference
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
IVREF = –2 mA
4.9
5
5.1
V
Line regulation voltage
11 V < VCC < 14.5 V
10
mV
Load regulation voltage
–1 mA > IVREF > –5 mA
10
mV
Short circuit current
40
120
240
mA
coast input comparator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Threshold voltage
1.60
1.75
2.00
V
Hysteresis
0.04
0.10
0.16
V
current sense amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage
VCM = 0 V
8
mV
Input bias current
VCM = 0 V
5
10
15
µA
Gain
VCM = 0 V
4.85
5.00
5.15
V/V
PSRR
11 V < VCC < 14.5 V
60
dB
High-level output voltage
IIOUT= –100 µA
6.3
V
Low-level output voltage
IIOUT = 100 µA
70
mV
Output source current
UCC3626
VIOUT = 2 V
500
µA
Output source current
UCC2626
VIOUT = 2 V
300
µA
pwm comparator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input common mode range
2.0
8.0
V
Propagation delay time
75
150
ns
overcurrent comparator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input common mode range
0.0
5.0
V
Propagation delay time
50
175
250
ns
logic inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level logic input voltage
QUAD, BRAKE, DIR, SYNCH
3.6
V
Low-level logic input voltage
QUAD, BRAKE, DIR, SYNCH
1.4
V


Número de pieza similar - UC2626

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2625 TI-UC2625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC2625 TI1-UC2625 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625-EP TI-UC2625-EP Datasheet
561Kb / 24P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
UC2625DW TI-UC2625DW Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DW TI1-UC2625DW Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
More results

Descripción similar - UC2626

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com