Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1615A Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SD1615A
Descripción Electrónicos  Old Company Name in Catalogs and Other Documents
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1615A Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1615A Datasheet HTML 1Page - Renesas Technology Corp 2SD1615A Datasheet HTML 2Page - Renesas Technology Corp 2SD1615A Datasheet HTML 3Page - Renesas Technology Corp 2SD1615A Datasheet HTML 4Page - Renesas Technology Corp 2SD1615A Datasheet HTML 5Page - Renesas Technology Corp 2SD1615A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
2SD1615, 1615A
NPN SILICON EPITAXIAL TRANSISTOR
POWER MINI MOLD
DATA SHEET
Document No. D10198EJ5V0DS00 (5th edition)
Date Published March 2006 NS CP(K)
Printed in Japan
c
1985
DESCRIPTION
2SD1615, 1615A are designed for audio frequency power amplifier and switching application, especially in Hybrid
Integrated Circuits.
FEATURES
• Low VCE (sat) VCE(sat) = 0.15 V
• Complement to 2SB1115, 1115A
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
2SD1615 2SD1615A
Collector to Base Voltage
VCBO
60
120
V
Collector to Emitter Voltage
VCEO
50
60
V
V
A
A
Emitter to Base Voltage
VEBO
6.0
Collector Current (DC)
IC (DC)
1.0
Collector Current (Pulse)
IC (Pulse)
2.0
Total Power Dissipation ∗∗
PT
2.0
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
PW ≤ 10 ms, Duty Cycle ≤ 50%
∗∗ When mounted on ceramic substrate of 16 cm2 × 0.7 mm
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
100
nA
2SD1615
VCB = 60 V, IE = 0
100
nA
2SD1615A
VCB = 120 V, IE = 0
Emitter Cutoff Current
IEBO
100
nA
VEB = 6.0 V, IC = 0
DC Current Gain
hFE1∗∗∗
135
290
600
2SC1615
VCE = 2.0 V, IC = 100 mA
135
400
2SD1615A
DC Current Gain
hFE2∗∗∗
81
270
VCE = 2.0 V, IC = 1.0 A
Collector Saturation Voltage
VCE(sat)∗∗∗
0.15
0.3
V
IC = 1.0 A, IB = 50 mA
Base Saturation Voltage
VBE(sat)∗∗∗
0.9
1.2
V
IC = 1.0 A, IB = 50 mA
Base to Emitter Voltage
VBE∗∗∗
600
700
mV
VCE = 2.0 V, IC = 50 mA
Gain Bandwidth Product
fT
80
160
MHz
VCE = 2.0 V, IE =
−100 mA
Output Capacitance
Cob
19
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
∗∗∗ Pulsed: PW ≤ 350 μs, Duty Cycle ≤ 2 %
hFE Classification
MARKING
2SD1615
GM
GL
GK
2SD1615A
GQ
GP
hFE1
135 to 270
200 to 400
300 to 600
PACKAGE DIMENSIONS
in millimeters
C
EB
4.5
±0.1
1.6
±0.2
0.42
±0.06
0.42
±0.06
1.5
±0.1
1.5
3.0
0.41
+0.03
− 0.05
E. Emitter
C. Collector
B. Base
0.47
±0.06


Número de pieza similar - 2SD1615A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SD1615A NEC-2SD1615A Datasheet
49Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTORS POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SD1615A KEXIN-2SD1615A Datasheet
52Kb / 1P
   NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SD1615A RENESAS-2SD1615A Datasheet
210Kb / 6P
   Old Company Name in Catalogs and Other Documents
logo
Guangdong Kexin Industr...
2SD1615A-P KEXIN-2SD1615A-P Datasheet
1Mb / 3P
   NPN Transistors
2SD1615A-Q KEXIN-2SD1615A-Q Datasheet
1Mb / 3P
   NPN Transistors
More results

Descripción similar - 2SD1615A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com