Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP122 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TMP122
Descripción Electrónicos  1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP122 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP122_15 Datasheet HTML 4Page - Texas Instruments TMP122_15 Datasheet HTML 5Page - Texas Instruments TMP122_15 Datasheet HTML 6Page - Texas Instruments TMP122_15 Datasheet HTML 7Page - Texas Instruments TMP122_15 Datasheet HTML 8Page - Texas Instruments TMP122_15 Datasheet HTML 9Page - Texas Instruments TMP122_15 Datasheet HTML 10Page - Texas Instruments TMP122_15 Datasheet HTML 11Page - Texas Instruments TMP122_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TMP122, TMP124
8
SBOS272B
www.ti.com
F1
F0
CONSECUTIVE FAULTS
00
1
01
2
10
4
11
6
TABLE VIII. Fault Settings of the TMP122 and TMP124.
THERMOSTAT MODE (TM1/TM0)
The Thermostat Mode bits of the TMP122/TMP124 indicate to
the device whether to operate in Comparator Mode, Interrupt
Mode or Interrupt Comparator Mode. For more information on
Comparator and Interrupt Mode, see text HIGH and LOW limit
registers. The bit assignments for thermostat mode are
described in Table VII. Power on default is comparator mode.
POLARITY (POL)
The Polarity Bit of the TMP122/TMP124 adjusts the polarity
of the ALERT pin output. By default, POL = 0 and the ALERT
pin will be active LOW, as shown in Figure 8. For POL = 1
the ALERT Pin will be active HIGH, and the state of the
ALERT Pin is inverted.
FAULT QUEUE (F1/F0)
A fault condition occurs when the measured temperature
exceeds the limits set in the THIGH and TLOW registers. The
Fault Queue is provided to prevent a false alert due to
environmental noise and requires consecutive fault mea-
surements to trigger the alert function of the TMP122/TMP124.
Table VIII defines the number of consecutive faults required
to trigger a consecutive alert condition. Power-on default for
F1/F0 is 0/0.
HIGH AND LOW LIMIT REGISTERS
In Comparator Mode (TM1/TM0 = 0/0), the ALERT Pin of the
TMP122/TMP124 becomes active when the temperature
equals or exceeds the value in THIGH and generates a
consecutive number of faults according to fault bits F1 and
F0. The ALERT pin will remain active until the temperature
falls below the indicated TLOW value for the same number of
faults.
In Interrupt Mode (TM1/TM0 = 0/1) the ALERT pin becomes
active when the temperature equals or exceeds THIGH for a
consecutive number of fault conditions. The ALERT pin
remains active until a read operation of any register occurs.
The ALERT pin will also be cleared if the device is placed in
Shutdown Mode. Once the ALERT pin is cleared, it will only
become active again by the temperature falling below TLOW.
When the temperature falls below TLOW, the ALERT pin
becomes active and remains active until cleared by a read
operation of any register. Once the ALERT pin is cleared, the
above cycle will repeat with the ALERT pin becoming active
when the temperature equals or exceeds THIGH.
In Interrupt/Comparator Mode (TM1/TM0 = 1/0), the ALERT
Pin of the TMP122/TMP124 becomes active when the tem-
perature equals or exceeds the value in THIGH and generates
a consecutive number of faults according to fault bits F1 and
F0. The ALERT pin will remain active until the temperature
falls below the indicated TLOW value for the same number of
faults and a communication with the device has occurred
after that point.
Operational modes are represented in Figure 8. Tables IX
and X describe the format for the THIGH and TLOW registers.
Power-up reset values for THIGH and TLOW are: THIGH = 80°C
and TLOW = 75°C. The format of the data for THIGH and TLOW
is the same as for the Temperature Register.
All 13 bits for the Temperature, THIGH, and TLOW registers are
used in the comparisons for the ALERT function for all con-
verter resolutions. The three LSBs in THIGH and TLOW can
affect the ALERT output even if the converter is configured for
9-bit resolution.
D15
D14
D13
D12
D11
D10
D9
D8
H12
H11
H10
H9
H8
H7
H6
H5
D7
D6
D5
D4
D3
D2
D1
D0
H4
H3
H2
H1
H0
1
1
0
TABLE IX. THIGH Register.
D15
D14
D13
D12
D11
D10
D9
D8
L12
L11
L10
L9
L8
L7
L6
L5
D7
D6
D5
D4
D3
D2
D1
D0
L4
L3
L2
L1
L0
1
0
0
TABLE X. TLOW Register.
TM1
TM0
MODE OF OPERATION
0
0
Comparator Mode
0
1
Interrupt Mode
1
0
Interrupt Comparator Mode
11
TABLE VII. Mode Settings of the TMP122.
FIGURE 8. ALERT Output Transfer Function Diagrams.
Measured
Temperature
T
HIGH
T
LOW
TMP122/124 ALERT PIN
(Comparator Mode)
POL = 0
TMP122/124 ALERT PIN
(Interrupt Mode)
POL = 0
TMP122/124 ALERT PIN
(Interrupt/Comparator Mode)
POL = 0
Read
Read
Time
Read


Número de pieza similar - TMP122_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP122/124 TI1-TMP122/124 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP122/124 TI1-TMP122/124 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
More results

Descripción similar - TMP122_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com