Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8260TW Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TDA8260TW
Descripción Electrónicos  Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8260TW Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8260TW Datasheet HTML 1Page - NXP Semiconductors TDA8260TW Datasheet HTML 2Page - NXP Semiconductors TDA8260TW Datasheet HTML 3Page - NXP Semiconductors TDA8260TW Datasheet HTML 4Page - NXP Semiconductors TDA8260TW Datasheet HTML 5Page - NXP Semiconductors TDA8260TW Datasheet HTML 6Page - NXP Semiconductors TDA8260TW Datasheet HTML 7Page - NXP Semiconductors TDA8260TW Datasheet HTML 8Page - NXP Semiconductors TDA8260TW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2004 Sep 03
5
Philips Semiconductors
Product specification
Satellite Zero-IF QPSK/8PSK
downconverter with PLL synthesizer
TDA8260TW
PINNING INFORMATION
SYMBOL
PIN
DESCRIPTION
XT1
1
4 MHz crystal oscillator input 1
XT2
2
4 MHz crystal oscillator input 2
VCC(PLL)
3
supply voltage for PLL circuit (+5 V)
PLLGND
4
ground for PLL circuit
AGCIN
5
AGC input from satellite demodulator and decoder
BIASN
6
RF isolation input (+5 V)
RFGND1
7
ground 1 for RF circuit
VCC(RF)
8
supply voltage for RF stage (+5 V)
RFA
9
RF signal input A
RFB
10
RF signal input B
RFGND2
11
ground 2 for RF circuit
LP1
12
low-pass filter loop filtering output
LP2
13
low-pass filter loop filtering input
QOUT
14
quadrature output for AC coupling to pin 16
BBGND1
15
ground 1 for baseband stage
QBBIN
16
quadrature baseband AC-coupled input from pin 14
VCC(BB)
17
supply voltage for baseband stage (+5 V)
QBBOUT
18
quadrature baseband output to satellite demodulator and decoder
QIN
19
quadrature input for auto-amplitude matching
IIN
20
in-phase input for auto-amplitude matching
IBBOUT
21
in-phase baseband output to satellite demodulator and decoder
n.c.
22
not connected
IBBIN
23
in-phase AC-coupled baseband input from pin 25
BBGND2
24
ground 2 for baseband stage
IOUT
25
in-phase output for AC-coupling to pin 23
CAP2
26
amplitude matching loop filtering output 2
CAP1
27
amplitude matching loop filtering output 1
VCOGND
28
ground for VCO circuit
TKB
29
VCO tank circuit input B
TKA
30
VCO tank circuit input A
VCC(VCO)
31
supply voltage for VCO circuit (+5 V)
BVS
32
bus voltage select input
VT
33
tuning voltage output for VCO
CP
34
charge pump output
AS
35
address selection input
SCL
36
I2C-bus clock input
SDA
37
I2C-bus data input/output
XTOUT
38
4 MHz crystal oscillator output to satellite demodulator and decoder


Número de pieza similar - TDA8260TW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

Descripción similar - TDA8260TW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8060TS PHILIPS-TDA8060TS Datasheet
539Kb / 16P
   Satellite ZERO-IF QPSK down-converter
1999 Aug 30
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
   8PSK/QPSK low-power 3.3 V satellite tuner IC
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
   8PSK/QPSK low-power 3.3-V satellite tuner IC
STV6120 STMICROELECTRONICS-STV6120 Datasheet
59Kb / 4P
   8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com