Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ULN2004AIDG4 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza ULN2004AIDG4
Descripción Electrónicos  HIGH-VOLTAGE HIGH CURRENT DARLINTON TRANSISOR ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004AIDG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ULN2004AIDG4 Datasheet HTML 2Page - Texas Instruments ULN2004AIDG4 Datasheet HTML 3Page - Texas Instruments ULN2004AIDG4 Datasheet HTML 4Page - Texas Instruments ULN2004AIDG4 Datasheet HTML 5Page - Texas Instruments ULN2004AIDG4 Datasheet HTML 6Page - Texas Instruments ULN2004AIDG4 Datasheet HTML 7Page - Texas Instruments ULN2004AIDG4 Datasheet HTML 8Page - Texas Instruments ULN2004AIDG4 Datasheet HTML 9Page - Texas Instruments ULN2004AIDG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ULN2004AI
HIGHVOLTAGE HIGHCURRENT DARLINGTON
TRANSISTOR ARRAY
SLRS055 − APRIL 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50%
50%
50%
50%
tPHL
VOLTAGE WAVEFORMS
Input
tPLH
Figure 9. Propagation Delay-Time Waveforms
Output
Input
Open
VS
200
Output
CL = 15 pF
(see Note B)
90%
90%
1.5 V
1.5 V
10%
10%
40
µs
≤10 ns
≤5 ns
VIH
(see Note C)
0 V
VOH
VOL
Input
Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
1N3064
2 mH
Pulse
Generator
(see Note A)
NOTES: A. The pulse generator has the following characteristics: PRR = 12.5 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
C. For testing, VIH = 3 V
Figure 10. Latch-Up Test Circuit and Voltage Waveforms


Número de pieza similar - ULN2004AIDG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ULN2004AID TI-ULN2004AID Datasheet
417Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004AIDE4 TI-ULN2004AIDE4 Datasheet
417Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004AIDR TI-ULN2004AIDR Datasheet
417Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004AIDRE4 TI-ULN2004AIDRE4 Datasheet
417Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results

Descripción similar - ULN2004AIDG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
ULN2012 UTC-ULN2012 Datasheet
186Kb / 6P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON ARRAY
logo
Allegro MicroSystems
7003 ALLEGRO-7003 Datasheet
144Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
logo
Micrel Semiconductor
MIC2803 MICREL-MIC2803 Datasheet
29Kb / 3P
   High-Voltage High-Current Darlington Array
logo
Rohm
BA12003B ROHM-BA12003B_V01 Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Micrel Semiconductor
MIC2981 MICREL-MIC2981_05 Datasheet
444Kb / 4P
   High-Voltage High-Current Source Driver Array
logo
Texas Instruments
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com