Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT165M96 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HCT165M96
Descripción Electrónicos  High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT165M96 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HCT165M96 Datasheet HTML 1Page - Texas Instruments CD74HCT165M96 Datasheet HTML 2Page - Texas Instruments CD74HCT165M96 Datasheet HTML 3Page - Texas Instruments CD74HCT165M96 Datasheet HTML 4Page - Texas Instruments CD74HCT165M96 Datasheet HTML 5Page - Texas Instruments CD74HCT165M96 Datasheet HTML 6Page - Texas Instruments CD74HCT165M96 Datasheet HTML 7Page - Texas Instruments CD74HCT165M96 Datasheet HTML 8Page - Texas Instruments CD74HCT165M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
8
-
80
-
160
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC to
GND
0
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
DS, D0 to D7
0.35
CP, PL
0.65
NOTE: Unit Load is
∆ICC limit specified in DC Electrical
Specifications table, e.g. 360
µA max at 25oC.
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
CP Pulse Width
tWL, tWH
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
CD54HC165, CD74HC165, CD54HCT165, CD74HCT165


Número de pieza similar - CD74HCT165M96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT165M96 TI-CD74HCT165M96 Datasheet
418Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HCT165M96E4 TI-CD74HCT165M96E4 Datasheet
418Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HCT165M96G4 TI-CD74HCT165M96G4 Datasheet
418Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
More results

Descripción similar - CD74HCT165M96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC164 TI-CD54HC164 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC166 TI-CD54HC166_08 Datasheet
564Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165_07 Datasheet
418Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com