Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD103BW Datasheet(PDF) 2 Page - Diode Semiconductor Korea

No. de pieza SD103BW
Descripción Electrónicos  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DSK [Diode Semiconductor Korea]
Página de inicio  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SD103BW Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SD103BW Datasheet HTML 1Page - Diode Semiconductor Korea SD103BW Datasheet HTML 2Page - Diode Semiconductor Korea SD103BW Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Barrier Diode
SD103AW/SD103BW/SD103CW
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
SD103AW
SD103BW
SD103CW
V(BR)R
40
30
20
V
IR=10
μA
IR=10
μA
IR=10
μA
Forward voltage
VF
0.37
0.60
V
IF=20mA
IF=200mA
Reverse current
SD103AW
SD103BW
SD103CW
IRM
5.0
μA
VR=30V
VR=20V
VR=10V
Capacitance between terminals
CT
50
pF
VR=0,f=1MHz
Reverse Recovery Time
trr
10
ns
IR=IF=200mA
Irr=0.1*IR,RL=100
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea


Número de pieza similar - SD103BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SD103BW PANJIT-SD103BW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Nanjing International G...
SD103BW DGNJDZ-SD103BW Datasheet
105Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
SD103BW BILIN-SD103BW Datasheet
192Kb / 3P
   Schottky Barrier Diode
logo
Guangdong Kexin Industr...
SD103BW KEXIN-SD103BW Datasheet
37Kb / 1P
   Schottky Barrier Switching Diodes
logo
Shenzhen Luguang Electr...
SD103BW LUGUANG-SD103BW Datasheet
114Kb / 2P
   400mW Schottky Barrier Switching Diode
More results

Descripción similar - SD103BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com