Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8929T Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TDA8929T
Descripción Electrónicos  Controller class-D audio amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8929T Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8929T Datasheet HTML 1Page - NXP Semiconductors TDA8929T Datasheet HTML 2Page - NXP Semiconductors TDA8929T Datasheet HTML 3Page - NXP Semiconductors TDA8929T Datasheet HTML 4Page - NXP Semiconductors TDA8929T Datasheet HTML 5Page - NXP Semiconductors TDA8929T Datasheet HTML 6Page - NXP Semiconductors TDA8929T Datasheet HTML 7Page - NXP Semiconductors TDA8929T Datasheet HTML 8Page - NXP Semiconductors TDA8929T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
2001 Dec 11
4
Philips Semiconductors
Preliminary specification
Controller class-D audio amplifier
TDA8929T
5
QUICK REFERENCE DATA
Note
1. VP = ±25 V.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
General; note 1
VP
supply voltage
±15
±25
±30
V
Iq(tot)
total quiescent current
20
30
mA
Stereo single-ended configuration
Gv(cl)
closed-loop voltage gain
29
30
31
dB
Zi
input impedance
45
68
k
Vn(o)
noise output voltage
220
400
µV
SVRR
supply voltage ripple rejection
40
50
dB
α
cs
channel separation
70
dB
VOO
DC output offset voltage
−−
150
mV
Mono bridge-tied load configuration
Gv(cl)
closed-loop voltage gain
35
36
37
dB
Z
i
input impedance
23
34
k
Vn(o)
noise output voltage
280
−µV
SVRR
supply voltage ripple rejection
44
dB
V
OO
DC output offset voltage
−−
200
mV


Número de pieza similar - TDA8929T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

Descripción similar - TDA8929T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com