Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCBN510QE2CXX Datasheet(PDF) 5 Page - Finisar Corporation.

No. de pieza FCBN510QE2CXX
Descripción Electrónicos  Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN510QE2CXX Datasheet(HTML) 5 Page - Finisar Corporation.

  FCBN510QE2CXX Datasheet HTML 1Page - Finisar Corporation. FCBN510QE2CXX Datasheet HTML 2Page - Finisar Corporation. FCBN510QE2CXX Datasheet HTML 3Page - Finisar Corporation. FCBN510QE2CXX Datasheet HTML 4Page - Finisar Corporation. FCBN510QE2CXX Datasheet HTML 5Page - Finisar Corporation. FCBN510QE2CXX Datasheet HTML 6Page - Finisar Corporation. FCBN510QE2CXX Datasheet HTML 7Page - Finisar Corporation. FCBN510QE2CXX Datasheet HTML 8Page - Finisar Corporation. FCBN510QE2CXX Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FCBG510QE2Cxx PRELIMINARY Product Specification – July 2014
F i n i s a r
 Finisar Corporation – 22-Jul-14 Rev A4
Page 5
III.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc1,
VccTx,
VccRx
-0.5
3.6
V
Storage Temperature
TS
-10
75
C
Case Operating Temperature
TOP
0
70
C
Relative Humidity
RH
0
85
%
1
Notes:
1.
Non-condensing.
IV.
Electrical Characteristics (TOP = 0 to 70C, VCC = 3.3 ± 5% Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc1,
VccTx,
VccRx
3.15
3.45
V
Supply Current
Icc
350 (QSFP)
250 (SFP+)
mA
Link Turn-On Time
Transmit Turn-On Time
2000
ms
1
Transmitter (per Lane)
Differential data input swing
Vin,pp
180
1200 (QSFP)
700 (SFP+)
mVpp
2
Differential input threshold
50
mV
Receiver (per Lane)
Differential data output swing
Vout,pp
0
850
mVpp
3,4
Power Supply Ripple Tolerance
PSR
50
mVpp
Notes:
1.
From power-on and end of any fault conditions.
2.
AC coupled internally. See Figure 2 for input eye mask requirements. Self-biasing 100 differential
input.
3.
AC coupled with 100 differential output impedance. See Figure 3 for output eye mask.
4.
Settable in 4 discrete steps. See Figure 5 for Vo settings


Número de pieza similar - FCBN510QE2CXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FCBN410QB1C01 FINISAR-FCBN410QB1C01 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C03 FINISAR-FCBN410QB1C03 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C05 FINISAR-FCBN410QB1C05 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C10 FINISAR-FCBN410QB1C10 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C15 FINISAR-FCBN410QB1C15 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
More results

Descripción similar - FCBN510QE2CXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBGD10CD1C03 FINISAR-FCBGD10CD1C03 Datasheet
382Kb / 13P
   C.wire 120 Gb/s Parallel Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
AFBR-7IERXXZ AVAGO-AFBR-7IERXXZ Datasheet
428Kb / 6P
   QSFP to 4 SFP Breakout Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com