Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL4503SDM Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza HCPL4503SDM
Descripción Electrónicos  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503SDM Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button HCPL4503SDM Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 9Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 10Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 11Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4/29/04
Page 9 of 12
© 2004 Fairchild Semiconductor Corporation
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
HCPL4503M
ORDERING INFORMATION
MARKING INFORMATION
Option
Example Part Number
Description
S
HCPL4503SM
Surface Mount Lead Bend
SD
HCPL4503SDM
Surface Mount; Tape and reel (1,000 units per reel)
T
HCPL4503TM
0.4" Lead Spacing
V
HCPL4503VM
VDE0884 (approval pending)
TV
HCPL4503TVM
VDE0884 (approval pending); 0.4” lead spacing
SV
HCPL4503SVM
VDE0884 (approval pending); surface mount
SDV
HCPL4503SDVM
VDE0884 (approval pending); surface mount; tape and reel
(1,000 units per reel)
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4Two digit year code, e.g., ‘03’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
4503
TB
YY
XX
V


Número de pieza similar - HCPL4503SDM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HCPL4503SDM FAIRCHILD-HCPL4503SDM Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503SDM FAIRCHILD-HCPL4503SDM Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results

Descripción similar - HCPL4503SDM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com