Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMBT2222ADW1 Datasheet(PDF) 10 Page - Formosa MS

No. de pieza FMBT2222ADW1
Descripción Electrónicos  Dual NPN Epitaxial Planar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2222ADW1 Datasheet(HTML) 10 Page - Formosa MS

Back Button FMBT2222ADW1 Datasheet HTML 2Page - Formosa MS FMBT2222ADW1 Datasheet HTML 3Page - Formosa MS FMBT2222ADW1 Datasheet HTML 4Page - Formosa MS FMBT2222ADW1 Datasheet HTML 5Page - Formosa MS FMBT2222ADW1 Datasheet HTML 6Page - Formosa MS FMBT2222ADW1 Datasheet HTML 7Page - Formosa MS FMBT2222ADW1 Datasheet HTML 8Page - Formosa MS FMBT2222ADW1 Datasheet HTML 9Page - Formosa MS FMBT2222ADW1 Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page 10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Dual NPN Epitaxial Planar Transistor
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231148
2009/08/10
2010/05/10
B
10
High reliability test capabilities
1.
2.
3.
4.
5.
6.
7.
8.
Steady State Operating Life
High Temperature Reverse Bias
Temperature Cycle
Autoclave
High Temperature Storage Life
Solderability
High Temperature High Humidity Reverse
Bias
Resistance to Soldering Heat
P =150mW Test Duration:1000hrs
D
Tj= 150℃, V = 80% related volage, 1000hrs
CE
-55℃(15min) to 150℃(15min)Air to Air Transition Time<20sec Test Cycles:1000cycle
P= 2atm Ta= 121℃ RH= 100% Test Duration: 96hrs
Ta= 150℃ Test Duration: 1000hrs
245℃,5sec
Ta= 85℃, 85% RH, V = 80% related volage, 1000hrs
CE
260℃
,10sec
Item Test
Conditions
FMBT2222ADW1


Número de pieza similar - FMBT2222ADW1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FMBT2222A FORMOSA-FMBT2222A Datasheet
601Kb / 9P
   600mA Silicon NPN Epitaxial Planar Transistor
logo
First Components Intern...
FMBT2222A FCI-FMBT2222A Datasheet
715Kb / 3P
   FMBT2222A NPN Bipolar Transistor Epitaxial planar die construction
logo
Formosa MS
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
   SMD NPN Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
More results

Descripción similar - FMBT2222ADW1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
MMDT3904 TECHPUBLIC-MMDT3904 Datasheet
1Mb / 4P
   Dual NPN Silicon Epitaxial Planar Transistor
TPMMDT3904 TECHPUBLIC-TPMMDT3904 Datasheet
1Mb / 4P
   Dual NPN Silicon Epitaxial Planar Transistor
logo
First Silicon Co., Ltd
UMC5N FS-UMC5N Datasheet
497Kb / 4P
   EPITAXIAL PLANAR NPNPNP Dual Digital Transistor
logo
SEMTECH ELECTRONICS LTD...
MMDTXA4415DW SEMTECH_ELEC-MMDTXA4415DW Datasheet
424Kb / 4P
   NPN/PNP Silicon Epitaxial Planar Dual Transistor
logo
DONGGUAN YOU FENG WEI E...
MMDTXA4415DW YFWDIODE-MMDTXA4415DW Datasheet
608Kb / 4P
   NPN/PNP Silicon Epitaxial Planar Dual Transistor
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com