Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA0172PWPG4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPA0172PWPG4
Descripción Electrónicos  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0172PWPG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA0172PWPG4 Datasheet HTML 4Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 5Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 6Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 7Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 8Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 9Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 10Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 11Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TPA0172
2W STEREO AUDIO POWER AMPLIFIER
WITH I2C BUS
SLOS327C − AUGUST 2000 − REVISED MAY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
−100
0
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
RL = 32 Ω
CB = 0.47 µF
Mode = SE
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
AV = 6 dB
f − Frequency − Hz
AV = 14 dB
Figure 10
−140
0
−120
−100
−80
−60
−40
−20
20
20k
100
1k
10k
f − Frequency − Hz
CROSSTALK
vs
FREQUENCY
PO = 1 W
RL = 8 Ω
AV = 20 dB
Mode = BTL
Left to Right
Right to Left
Figure 11
−140
0
−120
−100
−80
−60
−40
−20
20
20k
100
1k
10k
f − Frequency − Hz
CROSSTALK
vs
FREQUENCY
PO = 1 W
RL = 8 Ω
AV = 6 dB
Mode = BTL
Left to Right
Right to Left
Figure 12
−120
0
−100
−80
−60
−40
−20
20
20k
100
1k
10k
f − Frequency − Hz
SHUTDOWN ATTENUATION
vs
FREQUENCY
VI = 100 mVRMS
RL = 8 Ω,
Mode = BTL


Número de pieza similar - TPA0172PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA0172PWP TI-TPA0172PWP Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results

Descripción similar - TPA0172PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com