Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3121D2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3121D2
Descripción Electrónicos  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3121D2 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3121D2 Datasheet HTML 1Page - Texas Instruments TPA3121D2 Datasheet HTML 2Page - Texas Instruments TPA3121D2 Datasheet HTML 3Page - Texas Instruments TPA3121D2 Datasheet HTML 4Page - Texas Instruments TPA3121D2 Datasheet HTML 5Page - Texas Instruments TPA3121D2 Datasheet HTML 6Page - Texas Instruments TPA3121D2 Datasheet HTML 7Page - Texas Instruments TPA3121D2 Datasheet HTML 8Page - Texas Instruments TPA3121D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1 F
m
SD
MuteControl
PVCCL
TPA3121D2
SIMPLIFIED APPLICATIONCIRCUIT
PVCCR
VCLAMP
GAIN1
BYPASS
1 F
m
1 F
m
0.22 F
m
AGND
LeftChannel
RightChannel
10Vto26V
10Vto26V
4-StepGainControl
ShutdownControl
LIN
RIN
BSR
BSL
PGNDR
PGNDL
0.22 F
m
33 H
m
33 H
m
0.22 F
m
470 F
m
0.22 F
m
1 F
m
470 F
m
GAIN0
AVCC
MUTE
ROUT
LOUT
S0267-01
TPA3121D2
www.ti.com
SLOS537B – MAY 2008 – REVISED JANUARY 2014
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Check for Samples: TPA3121D2
1
FEATURES
APPLICATIONS
23
10-W/Ch Stereo Into an 8-
Ω Load From a 24-V
Flat Panel Display TVs
Supply
DLP® TVs
15-W/Ch Stereo Into a 4-
Ω Load from a 22-V
CRT TVs
Supply
Powered Speakers
30-W/Ch Mono Into an 8-
Ω Load from a 22-V
Supply
DESCRIPTION
Operates From 10 V to 26 V
The TPA3121D2 is a 15-W (per channel), efficient,
class-D audio power amplifier for driving stereo
Can Run From +24 V LCD Backlight Supply
speakers in a single-ended configuration or a mono
Efficient Class-D Operation Eliminates Need
speaker in a bridge-tied-load configuration. The
for Heat Sinks
TPA3121D2 can drive stereo speakers as low as 4
Ω.
Four Selectable, Fixed-Gain Settings
The efficiency of the TPA3121D2 eliminates the need
for an external heat sink when playing music.
Internal Oscillator to Set Class D Frequency
(No External Components Required)
The gain of the amplifier is controlled by two gain
select pins. The gain selections are 20, 26, 32, and
Single-Ended Analog Inputs
36 dB.
Thermal and Short-Circuit Protection With
Auto Recovery
The patented start-up and shutdown sequences
minimize pop noise in the speakers without additional
Space-Saving Surface Mount 24-Pin TSSOP
circuitry.
Package
Advanced Power-Off Pop Reduction
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPA3121D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2PWPR TI-TPA3121D2PWPR Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_1 Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3121D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com