Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6013A4 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPA6013A4
Descripción Electrónicos  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6013A4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6013A4_16 Datasheet HTML 6Page - Texas Instruments TPA6013A4_16 Datasheet HTML 7Page - Texas Instruments TPA6013A4_16 Datasheet HTML 8Page - Texas Instruments TPA6013A4_16 Datasheet HTML 9Page - Texas Instruments TPA6013A4_16 Datasheet HTML 10Page - Texas Instruments TPA6013A4_16 Datasheet HTML 11Page - Texas Instruments TPA6013A4_16 Datasheet HTML 12Page - Texas Instruments TPA6013A4_16 Datasheet HTML 13Page - Texas Instruments TPA6013A4_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PO − Output Power − W
100u
1m
10m
100m
300m
0.01
0.1
1
10
100
RL = 16 Ω
RL = 32 Ω
VDD = 5.0 V
HPIN Input − SE Output
Gain = 0 dB
VO − Output Voltage − VRMS
0.0
500.0m
1.0
1.5
2.0
0.001
0.01
0.1
1
10
100
VDD = 5.0 V
RL = 10 kΩ
HPIN Input − SE Output
Gain = 0 dB
PO − Total Output Power − W
0
100m
200m
300m
400m
500m
0
25m
50m
75m
100m
125m
150m
175m
200m
RL = 16 Ω
RL = 32 Ω
VDD = 5.0 V
HPIN Input
SE Output
Gain = 0 dB
PO − Total Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
RL = 3 Ω
RL = 4 Ω
RL = 8 Ω
VDD = 5.0 V
LINEIN Input
BTL Output
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
−140
−120
−100
−80
−60
−40
−20
0
RL = 4 Ω
PO = 1 W
LINEIN Input − BTL Output
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
−140
−120
−100
−80
−60
−40
−20
0
RL = 32 Ω
PO = 50 mW
HPIN Input − SE Output
Gain = 0 dB
TPA6013A4
SLOS635 – NOVEMBER 2009
www.ti.com
TOTAL HARMONIC DISTORTION + NOISE (SE)
TOTAL HARMONIC DISTORTION + NOISE (SE)
vs
vs
OUTPUT POWER
OUTPUT VOLTAGE
Figure 10.
Figure 11.
TOTAL POWER DISSIPATION (BTL)
TOTAL POWER DISSIPATION (SE)
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 12.
Figure 13.
CROSSTALK (BTL)
CROSSTALK (SE)
vs
vs
FREQUENCY
FREQUENCY
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA6013A4


Número de pieza similar - TPA6013A4_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPG4 TI-TPA6013A4PWPG4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPG4 TI1-TPA6013A4PWPG4 Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPRG4 TI-TPA6013A4PWPRG4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPRG4 TI1-TPA6013A4PWPRG4 Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Descripción similar - TPA6013A4_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com