Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6211A1TDGNRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6211A1TDGNRQ1
Descripción Electrónicos  TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6211A1TDGNRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA6211A1TDGNRQ1 Datasheet HTML 1Page - Texas Instruments TPA6211A1TDGNRQ1 Datasheet HTML 2Page - Texas Instruments TPA6211A1TDGNRQ1 Datasheet HTML 3Page - Texas Instruments TPA6211A1TDGNRQ1 Datasheet HTML 4Page - Texas Instruments TPA6211A1TDGNRQ1 Datasheet HTML 5Page - Texas Instruments TPA6211A1TDGNRQ1 Datasheet HTML 6Page - Texas Instruments TPA6211A1TDGNRQ1 Datasheet HTML 7Page - Texas Instruments TPA6211A1TDGNRQ1 Datasheet HTML 8Page - Texas Instruments TPA6211A1TDGNRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
38 kW
R
I
40 kW
R
I
42 kW
R
I
4
TPA6211A1-Q1
SBOS555C – JUNE 2011 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPA6211A1-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SHUTDOWN
1.55
V
VIL
Low-level input voltage
SHUTDOWN
0.5
V
TA
Operating free-air temperature
–40
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPA6211A1-Q1
UNIT
DGN (MSOP
‑‑PowerPAD)
8 PINS
RθJA
Junction-to-ambient thermal resistance
71.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55.9
°C/W
RθJB
Junction-to-board thermal resistance
44.9
°C/W
ψJT
Junction-to-top characterization parameter
3.7
°C/W
ψJB
Junction-to-board characterization parameter
44.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
19.6
°C/W
6.5 Electrical Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Output offset voltage (measured
differentially)
VI = 0-V differential, Gain = 1 V/V, VDD = 5.5 V
–9
0.3
9
mV
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
–85
–60
dB
VIC
Common mode input range
VDD = 2.5 V to 5.5 V
0.5
VDD – 0.8
V
CMRR
Common mode rejection ratio
VDD = 5.5 V, VIC = 0.5 V to 4.7 V
–63
–40
dB
VDD = 2.5 V, VIC = 0.5 V to 1.7 V
–63
–40
Low-output swing
RL = 4 Ω, VIN+ = VDD, VIN+ = 0 V,
Gain = 1 V/V, VIN– = 0 V or VIN– = VDD
VDD = 5.5 V
0.45
V
VDD = 3.6 V
0.37
VDD = 2.5 V
0.26
0.4
High-output swing
RL = 4 Ω, VIN+ = VDD, VIN– = VDD,
Gain = 1 V/V, VIN– = 0 V or VIN+ = 0 V
VDD = 5.5 V
4.95
V
VDD = 3.6 V
3.18
VDD = 2.5 V
2
2.13
| IIH |
High-level input current, shutdown
VDD = 5.5 V, VI = 5.8 V
58
100
µA
| IIL |
Low-level input current, shutdown
VDD = 5.5 V, VI = –0.3 V
3
100
µA
IQ
Quiescent current
VDD = 2.5 V to 5.5 V, no load
4
5
mA
I(SD)
Supply current
VSHUTDOWN ≤ 0.5 V, VDD = 2.5 V to 5.5 V, RL = 4 Ω
0.01
1
µA
Gain
RL = 4 Ω
V/V
Resistance from shutdown to GND
100
k


Número de pieza similar - TPA6211A1TDGNRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA6211A1TDGNRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com