Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1E05U06DPYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD1E05U06DPYR
Descripción Electrónicos  1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E05U06DPYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD1E05U06DPYR Datasheet HTML 6Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 7Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 8Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 9Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 10Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 11Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 12Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 13Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
D1+
D1-
D2+
D2-
GND
D3+
D3-
D1+
D1-
D2+
D2-
GND
I/O
GND
10
TPD1E05U06, TPD4E05U06, TPD6E05U06
SLVSBO7J – DECEMBER 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPD1E05U06 TPD4E05U06 TPD6E05U06
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPDxE05U06 is a family of unidirectional Transient Voltage Suppressor (TVS) based Electrostatic Discharge
(ESD) protection diodes with ultra-low capacitance. Each device can dissipate ESD strikes above the maximum
level specified by the IEC 61000-4-2 international standard. The TPDxE05U06's ultra-low loading capacitance
makes it ideal for protecting any high-speed signal pins.
7.2 Functional Block Diagram
TPD1E05U06 Block Diagram
TPD4E05U06 Block Diagram
TPD4E05U06 Block Diagram


Número de pieza similar - TPD1E05U06DPYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E05U06DPYR TI-TPD1E05U06DPYR Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD1E05U06DPYR TI-TPD1E05U06DPYR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06DPYR TI-TPD1E05U06DPYR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
logo
Shanghai Leiditech Elec...
TPD1E05U06DPYR LEIDITECH-TPD1E05U06DPYR Datasheet
1,005Kb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
TPD1E05U06DPYR UMW-TPD1E05U06DPYR Datasheet
489Kb / 3P
   45W peak pulse power (tp = 8/20μs)
More results

Descripción similar - TPD1E05U06DPYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com