Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD2E2U06QDBZRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD2E2U06QDBZRQ1
Descripción Electrónicos  Automotive Dual-Channel High-Speed ESD Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06QDBZRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2E2U06QDBZRQ1 Datasheet HTML 1Page - Texas Instruments TPD2E2U06QDBZRQ1 Datasheet HTML 2Page - Texas Instruments TPD2E2U06QDBZRQ1 Datasheet HTML 3Page - Texas Instruments TPD2E2U06QDBZRQ1 Datasheet HTML 4Page - Texas Instruments TPD2E2U06QDBZRQ1 Datasheet HTML 5Page - Texas Instruments TPD2E2U06QDBZRQ1 Datasheet HTML 6Page - Texas Instruments TPD2E2U06QDBZRQ1 Datasheet HTML 7Page - Texas Instruments TPD2E2U06QDBZRQ1 Datasheet HTML 8Page - Texas Instruments TPD2E2U06QDBZRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TPD2E2U06-Q1
1
2
3
Vbus
D+
D-
GND
Power
Supply
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPD2E2U06-Q1
SLLSEJ9D – DECEMBER 2014 – REVISED MAY 2016
TPD2E2U06-Q1 Automotive Dual-Channel High-Speed ESD Protection Device
1
1 Features
1
AEC-Q101 Qualified
IEC 61000-4-2 Level 4 ESD Protection
±25-kV (Contact Discharge)
±30-kV (Air-gap Discharge)
ISO 10605 (330 pF, 330
Ω) ESD Protection
±20-kV (Contact Discharge)
±25-kV (Air-gap Discharge)
IO Capacitance 1.5-pF (Typical)
DC Breakdown Voltage 6.5 V (Minimum)
Ultra-Low Leakage Current 10-nA (Maximum)
Low ESD Clamping Voltage
Industrial Temperature Range: –40°C to +125°C
Small Easy-to-Route DBZ and DCK Packages
2 Applications
End Equipment
Head Units
Rear Seat Entertainment
Telematics
Navigation Modules
Media Interfaces
Interfaces
USB 2.0
Ethernet
Antenna
LVDS
I2C
3 Description
The
TPD2E2U06-Q1
is
a
Transient
Voltage
Suppressor (TVS) Electrostatic Discharge (ESD)
protection diode array with low capacitance. This
dual-channel ESD protection diode is rated to
dissipate ESD strikes above the maximum level
specified in the IEC 61000-4-2 international standard.
The 1.5-pF line capacitance of the TPD2E2U06-Q1
makes it ideal for protecting interfaces such as USB
2.0, Ethernet, LVDS, Antenna, and I2C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD2E2U06-Q1
SOT23 (3)
2.92 mm × 1.30 mm
TPD2E2U06-Q1
SC70 (3)
2.00 mm × 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Número de pieza similar - TPD2E2U06QDBZRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
More results

Descripción similar - TPD2E2U06QDBZRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com