Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1E05U06-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD1E05U06-Q1
Descripción Electrónicos  1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E05U06-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPD1E05U06-Q1 Datasheet HTML 1Page - Texas Instruments TPD1E05U06-Q1 Datasheet HTML 2Page - Texas Instruments TPD1E05U06-Q1 Datasheet HTML 3Page - Texas Instruments TPD1E05U06-Q1 Datasheet HTML 4Page - Texas Instruments TPD1E05U06-Q1 Datasheet HTML 5Page - Texas Instruments TPD1E05U06-Q1 Datasheet HTML 6Page - Texas Instruments TPD1E05U06-Q1 Datasheet HTML 7Page - Texas Instruments TPD1E05U06-Q1 Datasheet HTML 8Page - Texas Instruments TPD1E05U06-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
4
5
3
8
1
2
4
5
3
8
TPD4E05U06-Q1
TPD4E05U06-Q1
D0-
D1+
D1-
D2+
D2-
CLK+
CLK-
D0+
Copyright © 2016, Texas Instruments Incorporated
D1+
D1-
D2+
D2-
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPD4E05U06-Q1, TPD1E05U06-Q1
SLVSCO7B – AUGUST 2014 – REVISED AUGUST 2016
TPDxE05U06-Q1 1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps)
Interface
1
1 Features
1
AEC-Q101 Qualified
Device HBM Classification Level H3B
Device CDM Classification Level C5
Device Temperature Range: –40°C to +125°C
IEC 61000-4-2 Level 4 ESD Protection
(See the ESD Ratings—IEC Specification Table)
±12-kV Contact Discharge
±15-kV Air Gap Discharge
IEC 61000-4-4 EFT Protection
80 A (5/50 ns)
IEC 61000-4-5 Surge Protection
2.5 A (8/20 µs)
I/O Capacitance 0.42 pF to 0.5 pF (Typical)
DC Breakdown Voltage 6.4 V (Minimum)
Ultra Low Leakage Current 10 nA (Maximum)
Low ESD Clamping Voltage (14 V at 5-A TLP)
Easy Flow-Through Routing Packages
2 Applications
End Equipment
Head Unit
Rear Seat Entertainment
Telematics
USB Hub
Navigation Module
Media Interface
Interfaces
USB 2.0
USB 3.0
HDMI 1.4/2.0
LVDS
DisplayPort
SIM Card
3 Description
The TPDxE05U06-Q1 is a family of unidirectional
Transient Voltage Suppressor (TVS) Electrostatic
Discharge (ESD) protection diodes with ultra-low
capacitance. They are rated to dissipate ESD strikes
above the maximum level specified in the IEC 61000-
4-2 level 4 international standard. The ultra-low
loading capacitance makes these devices ideal for
protecting any high-speed signal applications up to 6
Gbps.
These devices are also available without automotive
qualification: TPDxE05U06.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD4E05U06-Q1
USON (10)
2.50 mm × 1.00 mm
TPD1E05U06-Q1
X1SON (2)
0.60 mm x 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
TPD4E05U06-Q1 Simplified Schematic
TPD4E05U06-Q1 Block Diagram


Número de pieza similar - TPD1E05U06-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E05U06-Q1 TI-TPD1E05U06-Q1 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06-Q1 TI-TPD1E05U06-Q1 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
More results

Descripción similar - TPD1E05U06-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
   EPD TVS??Diodes For ESD and Latch-Up Protection
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com