Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD6F002-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD6F002-Q1
Descripción Electrónicos  Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD6F002-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD6F002-Q1 Datasheet HTML 2Page - Texas Instruments TPD6F002-Q1 Datasheet HTML 3Page - Texas Instruments TPD6F002-Q1 Datasheet HTML 4Page - Texas Instruments TPD6F002-Q1 Datasheet HTML 5Page - Texas Instruments TPD6F002-Q1 Datasheet HTML 6Page - Texas Instruments TPD6F002-Q1 Datasheet HTML 7Page - Texas Instruments TPD6F002-Q1 Datasheet HTML 8Page - Texas Instruments TPD6F002-Q1 Datasheet HTML 9Page - Texas Instruments TPD6F002-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
100
C2=17pF
C1 =17pF
Ch_In
Ch_Out
GND
TPD6F002-Q1
SLLSEK0A – DECEMBER 2014 – REVISED FEBRUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPD6F002-Q1 is a highly integrated device that provides a six channel EMI filter and a TVS based ESD
protection diode array. The low-pass filter array suppresses EMI/RFI emissions for data ports subject to
electromagnetic interference. The TPD6F002-Q1 is rated to dissipate ESD strikes above the maximum level
specified in the IEC 61000-4-2 international standard. The high level of integration, combined with its small easy-
to-route DSV package, makes this device ideal for protecting interfaces like LCD displays, memory interfaces,
and FPD-Link.
8.2 Functional Block Diagram
8.3 Feature Description
The TPD6F002-Q1 is a highly integrated device that provides a six channel EMI filter and a TVS based ESD
protection diode array. The low-pass filter array suppresses EMI/RFI emissions for data ports subject to
electromagnetic interference. The TVS diode array is rated to dissipate ESD strikes above the maximum level
specified in the IEC 61000-4-2 international standard. The high level of integration, combined with its small easy-
to-route DSV package, allows this device to provide great circuit protection for LCD displays, memory interfaces,
GPIO lines, and FPD-Link.
8.3.1 AEC-Q101 Qualified
This device is qualified to AEC-Q101 standards. It passes HBM H3B (±8 kV) and CDM C5 (±1 kV) ESD ratings
and is qualified to operate from –40°C to 125°C.
8.3.2 Six-Channel EMI Filtering
This device provides six channels for EMI filtering of data lines with the following parameters:
–47 dB Crosstalk Attenuation at 100 MHz
–30 dB Insertion Loss at 800 MHz
–3 dB Bandwidth: 100 MHz
8.3.3 Pi-Style Filter Configuration
This device has a pi-style filtering configuration composed of a series resistor and two capacitors in parallel with
the I/O pins. The typical resistor value is 100
Ω and the typical capacitor values are 17 pF each.
8.3.4 Robust ESD Protection
The ESD protection on all pins exceeds the IEC 61000-4-2 level 4 standard. Contact ESD is rated at ±20 kV and
Air-gap ESD is rated at ±30 kV.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPD6F002-Q1


Número de pieza similar - TPD6F002-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
[Old version datasheet]   SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
TPD6F002DSVR TI-TPD6F002DSVR Datasheet
390Kb / 12P
[Old version datasheet]   SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
More results

Descripción similar - TPD6F002-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
EMIF10-LCD02F3 STMICROELECTRONICS-EMIF10-LCD02F3 Datasheet
140Kb / 8P
   10 line EMI filter and ESD protection for LCD and cameras
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3 Datasheet
287Kb / 8P
   7-line IPAD?? EMI filter and ESD protection for LCD and cameras
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3_10 Datasheet
273Kb / 8P
   7-line IPAD?? EMI filter and ESD protection for LCD and cameras
EMIF10-LCD02F3 STMICROELECTRONICS-EMIF10-LCD02F3_08 Datasheet
168Kb / 8P
   10-line IPAD, EMI filter and ESD protection for LCD and cameras
EMIF02-MIC07F3 STMICROELECTRONICS-EMIF02-MIC07F3 Datasheet
283Kb / 8P
   EMI filter and ESD protection
logo
ON Semiconductor
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1442-06LP ONSEMI-CM1442-06LP Datasheet
1Mb / 10P
   LCD and Camera EMI Filter Array with ESD Protection
March 2010 Rev. 3
CM1450 ONSEMI-CM1450 Datasheet
608Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1621 ONSEMI-CM1621 Datasheet
294Kb / 11P
   LCD and Camera EMI Filter Array with ESD Protection
June 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com