Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4511DY Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI4511DY
Descripción Electrónicos  N- and P-Channel 20-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4511DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4511DY Datasheet HTML 1Page - Vishay Siliconix SI4511DY Datasheet HTML 2Page - Vishay Siliconix SI4511DY Datasheet HTML 3Page - Vishay Siliconix SI4511DY Datasheet HTML 4Page - Vishay Siliconix SI4511DY Datasheet HTML 5Page - Vishay Siliconix SI4511DY Datasheet HTML 6Page - Vishay Siliconix SI4511DY Datasheet HTML 7Page - Vishay Siliconix SI4511DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
D TrenchFETr Power MOSFET
APPLICATIONS
D Level Shift
D Load Switch
Si4511DY
Vishay Siliconix
Document Number: 72223
S-41496—Rev. B, 09-Aug-04
www.vishay.com
1
N- and P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
N Channel
20
0.0145 @ VGS = 10 V
9.6
N-Channel
20
0.017 @ VGS = 4.5 V
8.6
P Channel
20
0.033 @ VGS = −4.5 V
−6.2
P-Channel
−20
0.050 @ VGS = −2.5 V
−5
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
S2
G2
G1
S1
D2
D1
Ordering Information: Si4511DY
Si4511DY-T1 (with Tape and Reel)
Si4511DY—E3 (Lead (Pb)-Free)
Si4511DY-T1—E3 (Lead (Pb)-Free with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
N-Channel
P-Channel
Parameter
Symbol
10 sec.
Steady State
10 sec.
Steady State
Unit
Drain-Source Voltage
VDS
20
−20
V
Gate-Source Voltage
VGS
"16
"12
V
Continuous Drain Current (TJ = 150_C)a, b
TA = 25_C
ID
9.6
7.2
−6.2
−4.6
Continuous Drain Current (TJ = 150_C)a, b
TA = 70_C
ID
7.7
5.8
−4.9
−3.7
A
Pulsed Drain Current
IDM
40
−40
A
Continuous Source Current (Diode Conduction)a, b
IS
1.7
0.9
−1.7
0.9
Maximum Power Dissipationa, b
TA = 25_C
PD
2
1.1
2
1.1
W
Maximum Power Dissipationa, b
TA = 70_C
PD
1.3
0.7
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
N-Channel
P- Channel
Parameter
Symbol
Typ
Max
Typ
Max
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
50
62.5
50
62.5
Maximum Junction-to-Ambienta
Steady-State
RthJA
85
110
90
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
30
40
30
35
C/W
Notes
a.
Surface Mounted on FR4 Board.
b.
t v 10 sec


Número de pieza similar - SI4511DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
127Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Jun-06
SI4511DY VISHAY-SI4511DY Datasheet
281Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. E, 18-May-09
SI4511DY VISHAY-SI4511DY Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI4511DY-T1-E3 VISHAY-SI4511DY-T1-E3 Datasheet
281Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. E, 18-May-09
SI4511DY-T1-GE3 VISHAY-SI4511DY-T1-GE3 Datasheet
281Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. E, 18-May-09
More results

Descripción similar - SI4511DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com