Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2010D1YZF Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPA2010D1YZF
Descripción Electrónicos  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA2010D1YZF Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2010D1YZF Datasheet HTML 3Page - Texas Instruments TPA2010D1YZF Datasheet HTML 4Page - Texas Instruments TPA2010D1YZF Datasheet HTML 5Page - Texas Instruments TPA2010D1YZF Datasheet HTML 6Page - Texas Instruments TPA2010D1YZF Datasheet HTML 7Page - Texas Instruments TPA2010D1YZF Datasheet HTML 8Page - Texas Instruments TPA2010D1YZF Datasheet HTML 9Page - Texas Instruments TPA2010D1YZF Datasheet HTML 10Page - Texas Instruments TPA2010D1YZF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPA2010D1
SLOS417A − OCTOBER 2003 − REVISED DECEMBER 2003
www.ti.com
7
Figure 10
0
0.5
1
1.5
2
2.5
4
8
12
16
20
24
28
32
RL − Load Resistance − Ω
OUTPUT POWER
vs
LOAD RESISTANCE
VDD = 2.5 V
VDD = 3.6 V
VDD= 5V
PO at 1% THD
Gain = 2 V/V
f = 1 kHz
Figure 11
0
0.5
1
1.5
2
2.5
2.5
3
3.5
4
4.5
5
VCC − Supply Voltage − V
OUTPUT POWER
vs
SUPPLY VOLTAGE
Gain = 2 V/V
f = 1 kHz
3
RL = 4 Ω, 10% THD
RL = 4 Ω, 1% THD
RL = 8 Ω,10% THD
RL = 8 Ω,1% THD
Figure 12
0.1
20
0.2
0.5
1
2
5
10
20m
3
50m
100m
200m
500m
1
2
3 V
5 V
3.6 V
PO − Output Power − W
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
RL = 4 Ω,
f = 1 kHz,
Gain = 2 V/V
2.5 V
Figure 13
0.1
20
0.2
0.5
1
2
5
10
5m
2
10m 20m 50m 100m 200m 500m 1
2.5 V
3.6 V
3 V
PO − Output Power − W
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
RL = 8 Ω,
f = 1 kHz,
Gain = 2 V/V
5 V
Figure 14
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50 100 200
500 1k
2k
5k 10k
PO = 50 mW
PO = 250 mW
PO = 1W
f − Frequency − Hz
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
VDD = 5 V
CI = 2 µF
RL = 8 Ω
Gain = 2 V/V
Figure 15
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50 100 200
500 1k
2k
5k 10k
f − Frequency − Hz
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
VDD = 3.6 V
CI = 2 µF
RL = 8 Ω
Gain = 2 V/V
PO = 25 mW
PO = 125 mW
PO = 500 mW
Figure 16
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50 100 200 500 1k
2k
5k 10k
f − Frequency − Hz
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
PO = 15 mW
VDD = 2.5 V
CI = 2 µF
RL = 8 Ω
Gain = 2 V/V
PO = 75 mW
PO = 200 mW
Figure 17
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50 100 200
500 1k
2k
5k 10k
PO = 250 mW
CI = 2 µF
RL = 4 Ω
Gain = 2 V/V
f − Frequency − Hz
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
VDD = 2.5 V
VDD = 3 V
VDD = 3.6 V
VDD = 4 V
VDD = 5 V
Figure 18
0.1
1
10
0
0.5
1
1.5 2
2.5
f = 1 kHz
PO = 200 mW
VIC − Common Mode Input Voltage − V
TOTAL HARMONIC DISTORTION + NOISE
vs
COMMON MODE INPUT VOLTAGE
3
3.5
4 4.5
5
VDD = 2.5 V
VDD = 5 V
VDD = 3.6 V


Número de pieza similar - TPA2010D1YZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2010D1YZF TI-TPA2010D1YZF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YZFR TI-TPA2010D1YZFR Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YZFR TI1-TPA2010D1YZFR Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YZFT TI-TPA2010D1YZFT Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YZFT TI1-TPA2010D1YZFT Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

Descripción similar - TPA2010D1YZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com