Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC43T02DA Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPIC43T02DA
Descripción Electrónicos  THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC43T02DA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC43T02DA Datasheet HTML 2Page - Texas Instruments TPIC43T02DA Datasheet HTML 3Page - Texas Instruments TPIC43T02DA Datasheet HTML 4Page - Texas Instruments TPIC43T02DA Datasheet HTML 5Page - Texas Instruments TPIC43T02DA Datasheet HTML 6Page - Texas Instruments TPIC43T02DA Datasheet HTML 7Page - Texas Instruments TPIC43T02DA Datasheet HTML 8Page - Texas Instruments TPIC43T02DA Datasheet HTML 9Page - Texas Instruments TPIC43T02DA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPIC43T01, TPIC43T02
THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
SLIS098 – APRIL 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TC = 25°C, VCC = 24V (unless otherwise noted) (continued)
charge pump
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(CP)
Output voltage
IO = –1.5 mA, VCC = 18 V to 28 V,
CP = 0.01
µF, CS = 0.1 µF,
S/S = high
VCC + 14
VCC + 15
VCC + 17
V
VO(CP)
Output voltage
IO = –1.5 mA, VCC = 8 V,
CP = 0.01
µF, CS = 0.1 µF,
S/S = high
VCC + 5.5
V
V(CP–uvlo)
Under voltage lockout
IO = –1.5 mA, VCC = 8 V to 28 V,
S/S = high (VCP forced externally)
VCC + 5
VCC + 6
VCC + 7
V
Vhys(CP)
Under voltage lockout hysteresis
IO = –1.5 mA, VCC = 8 V to 28 V,
S/S = high (VCP forced externally)
0.6
V
FG signal conditioning
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO(FG)
Amplifier input offset voltage
Measured at FGOUT
0.5
±7
mV
IIB(FG)
Amplifier input bias current
Measured at FGIN –
0.02
±1
µA
VOH(FG)
Amplifier high level output voltage
I(FG) = – 200 µA,
IDD = 0
VDD – 500 mV VDD – 350 mV
V
VOL(FG)
Amplifier low level output voltage
I(FG) = 200 µA, IDD = 0
100
500
mV
AV
Amplifier open-loop gain (see Note 2)
45
dB
V(FGsens)
FG input sensitivity (see Note 2)
100 x Gain, at 2 kHz,
3
mV
V(FGbias)
FG bias voltage
IFG = 0 µA, IDD = 0
2.375
2.5
2.625
V
VIT+(FGOUT)
FG comparator positive threshold
FGOUT with respect to
V(FGIN+), See Figure 8
215
250
285
mV
VIO(FGOUT)
FG comparator offset voltage
FGOUT with respect to
V(FGIN+), See Figure 8
0.8
±7
mV
VOL(FGSOUT) FGSOUT open drain saturation voltage
IO = 2 mA
0.4
0.7
V
Ilkg(FGSOUT)
FGSOUT leakage current
VO = 5 V
0.08
10
µA
NOTE 2: Design target only. Not tested in production.
Hall sensor signal conditioning
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIB(HL)
Input bias current (see Note 2)
±4
µA
VICR(HL) Common-mode input voltage range (see Note 3)
1.5
3.5
V
VIT+(HL)
Input positive threshold voltage
With respect to V(CM), 1.5 kΩ in series
with both inputs, See Figure 9
4
8
12
mV
VIT–(HL)
Input negative threshold voltage
With respect to VCM, 1.5 kΩ in series
with both inputs, See Figure 9
–4
–8
–12
mV
NOTES:
2. Design target only. Not tested in production.
3. Not measured, forced during testing.
FG reference crystal oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+(OSC1)
OSC1 input upper threshold (see Note 3)
2.7
V
VIT–(OSC1)
OSC1 input lower threshold (see Note 3)
1
V
NOTES:
3. Not measured, forced during testing.


Número de pieza similar - TPIC43T02DA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC43T02DA TI-TPIC43T02DA Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
More results

Descripción similar - TPIC43T02DA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC43T01 TI-TPIC43T01 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com