Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC2810DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPIC2810DRG4
Descripción Electrónicos  8-BIT LED DRIVER WITH 12C INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2810DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC2810DRG4 Datasheet HTML 1Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 2Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 3Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 4Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 5Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 6Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 7Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 8Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPIC2810
8BIT LED DRIVER WITH I2C INTERFACE
SLIS109A − DECEMBER 2001 − REVISED SEPTEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over the recommended operating case temperature range (unless
otherwise noted)†
Logic supply voltage range, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic input voltage range, VI
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power DMOS drain-to-source voltage, VDS (see Note 2)
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous source-to-drain diode anode current
210 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed source-to-drain diode anode current (see Note 3)
420 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed drain current, each output, all outputs on, ID, TC = 25°C (see Note 3)
210 mA
. . . . . . . . . . . . . . . . . . .
Peak drain current, single output, IDM, TC = 25°C (see Note 3)
210 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. Each power DMOS source is internally connected to GND.
3. Pulse duration
≤ 100 µs and duty cycle ≤ 2%.
DISSIPATION RATING TABLE
PACKAGE
TC = 25°C
POWER RATING
DERATING FACTOR
ABOVE TC = 25°C
TC = 125°C
POWER RATING
D
1087 mW
8.7 mW/
°C
217 mW
recommended operating conditions
MIN
MAX
UNIT
Logic supply voltage, VCC
3.0
5.5
V
High-level input voltage, VIH
0.7 VCC
V
Low-level input voltage, VIL
0.3 VCC
V
Pulse drain output current, TC = 25°C, VCC = 5 V, all outputs on (see Notes 3 and 4 and Figure 8)
210
mA
Operating case temperature, TC
−40
125
°C
NOTES:
3. Pulse duration
≤ 100 µs and duty cycle ≤ 2%.
4. Technique must limit TJ − TC to 10°C maximum.


Número de pieza similar - TPIC2810DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
More results

Descripción similar - TPIC2810DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
ELMOS Semiconductor AG
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
   8 Channel LED Driver with I짼C Interface
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
[Old version datasheet]   3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
SamHop Microelectronics...
SM6B595 SAMHOP-SM6B595 Datasheet
149Kb / 9P
   8-BIT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com