Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM203 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
SM203 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 2 page Case:LL41(DO-213AB) SM207 SM206 SM205 SM204 SM203 SM201 - SM207 SM202 SM201 VOLTAGE RANGE: 50 - 1000V CURRENT: 2.0 A ! Diffused Junction ! Low Forward Voltage Drop ! ! High Reliability ! High Surge Current Capability Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 50 100 200 400 600 800 1000 V RMS Reverse Voltage VR(RMS) 35 70 140 280 420 560 700 V Average Rectified Output Current (Note 1) @TA = 75°C IO 2.0 A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM 70 A Forward Voltage @IF = 2.0A VFM 1.0 V Peak Reverse Current @TA = 25°C At Rated DC Blocking Voltage @TA = 100°C IRM 5.0 50 µA Typical Junction Capacitance (Note 2) Cj 20 pF Typical Thermal Resistance Junction to Ambient (Note 1) RJA 40 K/W Operating Temperature Range Tj -65 to +125 °C Storage Temperature Range TSTG -65 to +150 °C Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C. Maximum Ratings and Electrical Characteristics T A = 25 °C unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. High Current Capability Features 1 of 2 Characteristic Symbol Unit www.sunmate.tw Terminals:Plated terminals, solderable per MIL-STD-202, Method 208 Polarity:Red Color band on body denotes cathode Mounting position :Any Weight:0.12grams ! ! ! ! ! ! Mechanical Data SURFACE MOUNT SILICON RECTIFIER DIODES Dim Min Max LL41 /DO-213AB A 4.80 5.20 B 2.40 2.60 C 0.55 Nominal All Dimensions in mm C A B / |
Número de pieza similar - SM203 |
|
Descripción similar - SM203 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |