Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPL5110 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPL5110
Descripción Electrónicos  TPL5110 Nano-power System Timer for Power Gating
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5110 Datasheet(HTML) 3 Page - Texas Instruments

  TPL5110 Datasheet HTML 1Page - Texas Instruments TPL5110 Datasheet HTML 2Page - Texas Instruments TPL5110 Datasheet HTML 3Page - Texas Instruments TPL5110 Datasheet HTML 4Page - Texas Instruments TPL5110 Datasheet HTML 5Page - Texas Instruments TPL5110 Datasheet HTML 6Page - Texas Instruments TPL5110 Datasheet HTML 7Page - Texas Instruments TPL5110 Datasheet HTML 8Page - Texas Instruments TPL5110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPL5110
VDD
GND
EN/
ONE_ SHOT
DRV
DELAY/
M_DRV
DONE
1
2
3
4
5
6
3
TPL5110
www.ti.com
SNAS650 – JANUARY 2015 – REVISED JANUARY 2015
Product Folder Links: TPL5110
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
G= Ground, P= Power, O= Output, I= Input.
6 Pin Configuration and Functions
6-Lead
SOT-23
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
APPLICATION INFORMATION
NO.
NAME
1
VDD
P
Supply voltage
2
GND
G
Ground
3
DELAY/
M_DRV
I
Time interval set and manual
MOSFET Power ON
Resistance between this pin and GND is used to
select the time interval. The manual MOSFET power
ON switch is also connected to this pin.
4
DONE
I
Logic Input for watchdog
functionality
Digital signal driven by the µC to indicate successful
processing.
5
DRV
O
Power Gating output signal
generated every tIP
The Gate of the MOSFET is connected to this pin.
When DRV = LOW, the MOSFET is ON.
6
EN/
ONE_SHOT
I
Selector of mode of operation
When EN/ONE_SHOT = HIGH, the TPL5110 works
as a TIMER. When EN/ONE_SHOT = LOW, the
TPL5110 turns on the MOSFET one time for the
programmed time interval. The next power on of the
MOSFET is enabled by the manual power ON.


Número de pieza similar - TPL5110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5110QDDCRQ1 TI1-TPL5110QDDCRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5110QDDCTQ1 TI1-TPL5110QDDCTQ1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
More results

Descripción similar - TPL5110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
   System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com