Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPL7407L Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPL7407L
Descripción Electrónicos  TPL7407L 40-V 7-Channel Low Side Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407L Datasheet(HTML) 1 Page - Texas Instruments

  TPL7407L Datasheet HTML 1Page - Texas Instruments TPL7407L Datasheet HTML 2Page - Texas Instruments TPL7407L Datasheet HTML 3Page - Texas Instruments TPL7407L Datasheet HTML 4Page - Texas Instruments TPL7407L Datasheet HTML 5Page - Texas Instruments TPL7407L Datasheet HTML 6Page - Texas Instruments TPL7407L Datasheet HTML 7Page - Texas Instruments TPL7407L Datasheet HTML 8Page - Texas Instruments TPL7407L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPL7407L
IN3
IN4
OUT1
OUT2
OUT3
OUT4
IN5
IN6
IN7
GND
OUT5
OUT6
OUT7
COM
IN1
IN2
VSUP
VSUP
VSUP
+
_
M
CCOM
Logic Inputs
(1.8 V to 5 V)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPL7407L
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
TPL7407L 40-V 7-Channel Low Side Driver
1
1 Features
1
600-mA Rated Drain Current (Per Channel)
CMOS Pin-to-Pin Improvement of 7-channel
Darlington Array (e.g. ULN2003A)
Power Efficient (Very low VOL)
Less Than 4 Times Lower VOL at 100 mA Than
Darlington Array
Very Low Output Leakage < 10 nA Per Channel
Extended Ambient Temperature Range:
TA = –40°C to 125°C
High-Voltage Outputs 40 V
Compatible with 1.8-V to 5.0-V Micro-controllers
and Logic Interface
Internal Free-wheeling Diodes for Inductive Kick-
back Protection
Input Pull-down Resistors Allows Tri-stating the
Input Driver
Input RC-Snubber to Eliminate Spurious
Operation in Noisy Environment
Inductive Load Driver Applications
ESD Protection Exceeds JESD 22
2-kV HBM, 500-V CDM
Available in 16-pin SOIC and TSSOP Packages
2 Applications
Inductive Loads
Relays
Unipolar Stepper & Brushed DC Motors
Solenoids & Valves
LEDs
Logic Level Shifting
Gate & IGBT Drive
3 Description
The TPL7407L is a high-voltage, high-current NMOS
transistor array. This device consists of seven NMOS
transistors that feature high-voltage outputs with
common-cathode
clamp
diodes
for
switching
inductive loads. The maximum drain-current rating of
a single NMOS channel is 600 mA. New regulation
and drive circuitry added to give maximum drive
strength across all GPIO ranges (1.8 V – 5.0 V).The
transistors can be paralleled for higher current
capability.
The TPL7407L's key benefit is its improved power
efficiency and lower leakage than a Bipolar Darlington
Implementation. With the lower VOL the user is
dissipating less than half the power than traditional
relay drivers with currents less than 250 mA per
channel.
Device Information(1)
PART NUMBER
PACKAGE (PINS)
BODY SIZE (NOM)
TPL7407LD
SOIC (16)
9.90 mm x 3.91 mm
TPL7407LPW
TSSOP (16)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simple Application Schematic


Número de pieza similar - TPL7407L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LAD TI1-TPL7407LAD Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
More results

Descripción similar - TPL7407L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL7407L TI-TPL7407L_15 Datasheet
844Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA_18 Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
   4 channel low-side driver
Rev. 1.2, May 2014
logo
Texas Instruments
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
[Old version datasheet]   12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
[Old version datasheet]   DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
TPS929121-Q1 TI-TPS929121-Q1 Datasheet
7Mb / 166P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
TPS929121-Q1 TI-TPS929121-Q1_V01 Datasheet
8Mb / 168P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G Datasheet
556Kb / 30P
   SPIDER - 4 channel low side driver
Rev. 1.0, February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com