Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC12095 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC12095
Descripción Electrónicos  2.5 GHz Low Power Prescaler With Stand-By Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12095 Datasheet(HTML) 4 Page - ON Semiconductor

  MC12095 Datasheet HTML 1Page - ON Semiconductor MC12095 Datasheet HTML 2Page - ON Semiconductor MC12095 Datasheet HTML 3Page - ON Semiconductor MC12095 Datasheet HTML 4Page - ON Semiconductor MC12095 Datasheet HTML 5Page - ON Semiconductor MC12095 Datasheet HTML 6Page - ON Semiconductor MC12095 Datasheet HTML 7Page - ON Semiconductor MC12095 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC12095
http://onsemi.com
4
Figure 5. Input Impedance versus Frequency
0
25
50
75
100
125
150
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
Input Frequency (MHz)
Figure 6. Input Impedance versus Frequency
–200
–150
–100
–50
0
50
100
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
Input Frequency (MHz)


Número de pieza similar - MC12095

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095D ONSEMI-MC12095D Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12095D MOTOROLA-MC12095D Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095DG ONSEMI-MC12095DG Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
More results

Descripción similar - MC12095

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095_06 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093_16 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
logo
Fujitsu Component Limit...
MB509 FUJITSU-MB509 Datasheet
104Kb / 9P
   TWO MODULUS PRESCALER WITH STAND-BY MODE
logo
Motorola, Inc
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093_06 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
   2.5 GHz DIVIDE- BY- 512/256 PRESCALER
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com