Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5515DC Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI5515DC
Descripción Electrónicos  Complementary 20-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5515DC Datasheet(HTML) 6 Page - Vishay Siliconix

  SI5515DC Datasheet HTML 1Page - Vishay Siliconix SI5515DC Datasheet HTML 2Page - Vishay Siliconix SI5515DC Datasheet HTML 3Page - Vishay Siliconix SI5515DC Datasheet HTML 4Page - Vishay Siliconix SI5515DC Datasheet HTML 5Page - Vishay Siliconix SI5515DC Datasheet HTML 6Page - Vishay Siliconix SI5515DC Datasheet HTML 7Page - Vishay Siliconix SI5515DC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Si5515DC
Vishay Siliconix
www.vishay.com
6
Document Number: 72221
S-41167—Rev. B, 14-Jun-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
0
200
400
600
800
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
0
1
2
3
4
5
012
34
56
78
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
3
6
9
12
15
VDS − Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 3 A
ID − Drain Current (A)
VGS = 4.5 V
ID = 3 A
VGS = 2.5 V
VGS = 4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.1
0.2
0.3
0.4
0
1234
5
TJ = 150_C
TJ = 25_C
ID = 3 A
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
VGS = 1.8 V
20
ID = 0.6 A


Número de pieza similar - SI5515DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
More results

Descripción similar - SI5515DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL_08 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI5513DC VISHAY-SI5513DC Datasheet
83Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. F, 15-Nov-04
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL_10 Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5513DC KEXIN-KI5513DC Datasheet
70Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com