Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK11C68-5C35M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza STK11C68-5C35M
Descripción Electrónicos  CMOS NV SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-5C35M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STK11C68-5C35M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK11C68-5C35M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-5C35M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-5C35M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-5C35M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-5C35M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-5C35M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-5C35M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-5C35M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STK11C68-M
4-33
#1, #2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
NO.
PARAMETER
UNITS
(VCC = 5.0V ± 10%)
Note c: Bringing E high will not produce standby currents until any nonvolatile cycle in progress has timed out. See MODE SELECTION table.
Note e: Parameter guaranteed but not tested.
Note g: For READ CYCLE #1 and #2, W must be high for entire cycle.
Note h: Device is continuously selected with E low and G low.
Note i: Measured
± 200mV from steady state output voltage.
READ CYCLE #1 g,h
W
DQ (Data Out)
ADDRESS
DATA VALID
5
tAXQX
11A
tWHQV
2
tAVAV
3
tAVQV
READ CYCLE #2 g
ADDRESS
E
G
DQ (Data Out)
DATA VALID
ICC
W
2
tAVAV
1
tELQV
6
tELQX
4
tGLQV
8
tGLQX
11
tEHICCL
7
tEHQZ
9
tGHQZ
10
tELICCH
11A
tWHQV
ACTIVE
STANDBY
READ CYCLES #1 & #2
1t
ELQV
t
ACS
Chip Enable Access Time
35
45
55
ns
2tAVAV
g
tRC
Read Cycle Time
35
45
55
ns
3tAVQV
h
tAA
Address Access Time
35
45
55
ns
4tGLQV
tOE
Output Enable to Data Valid
20
25
25
ns
5tAXQX
tOH
Output Hold After Address Change
5
5
5
ns
6t
ELQX
t
LZ
Chip Enable to Output Active
5
5
5
ns
7t
EHQZ
i
t
HZ
Chip Disable to Output Inactive
17
20
25
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9tGHQZ
i
tOHZ
Output Disable to Output Inactive
17
20
25
ns
10
tELICCH
e
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
c,e
tPS
Chip Disable to Power Standby
35
45
55
ns
11A
t
WHQV
t
WR
Write Recovery Time
45
55
65
ns
SYMBOLS
STK11C68-35M
STK11C68-45M
STK11C68-55M


Número de pieza similar - STK11C68-5C35M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
STK11C68-5C35M CYPRESS-STK11C68-5C35M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Descripción similar - STK11C68-5C35M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dallas Semiconductor
DS2227 DALLAS-DS2227 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
logo
Maxim Integrated Produc...
DS2227 MAXIM-DS2227 Datasheet
196Kb / 10P
   Flexible NV SRAM Stik
112099
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
   Advanced NV SRAM Battery Cap
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
   1024 Flexible NV SRAM SIMM
112299
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
logo
List of Unclassifed Man...
STK12C68-M ETC-STK12C68-M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
logo
Dallas Semiconductor
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
   1024k Flexible NV SRAM SIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com