Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK11C68-5L35M Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza STK11C68-5L35M
Descripción Electrónicos  CMOS NV SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-5L35M Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK11C68-5L35M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-5L35M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-5L35M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-5L35M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-5L35M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-5L35M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-5L35M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-5L35M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK11C68-5L35M Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
STK11C68-M
4-40
Temperature Range
M = Military (-55 to 125 degrees C)
Access Time
35 = 35ns
45 = 45ns
55 = 55ns
Package
C = Ceramic 28 pin 300-mil DIP with gold lead finish
K = Ceramic 28 pin 300-mil DIP with solder DIP finish
L = Ceramic 28 pin LCC
Retention / Endurance
10 years / 100,000 cycles
STK11C68 - 5 C 35 M
Lead Finish
A = Solder DIP lead finish
C = Gold lead DIP finish
X = lead finish "A" or "C" is acceptable
Package
MX = Ceramic 28 pin 300-mil DIP
MY = Ceramic 28 pin LCC
Access Time
04 = 55ns
05 = 45ns
06 = 35ns
5962-92324 04 MX X
ORDERING INFORMATION


Número de pieza similar - STK11C68-5L35M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
STK11C68-5L35M CYPRESS-STK11C68-5L35M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Descripción similar - STK11C68-5L35M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dallas Semiconductor
DS2227 DALLAS-DS2227 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
logo
Maxim Integrated Produc...
DS2227 MAXIM-DS2227 Datasheet
196Kb / 10P
   Flexible NV SRAM Stik
112099
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
   Advanced NV SRAM Battery Cap
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
   1024 Flexible NV SRAM SIMM
112299
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
logo
List of Unclassifed Man...
STK12C68-M ETC-STK12C68-M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
logo
Dallas Semiconductor
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
   1024k Flexible NV SRAM SIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com