Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM195QML Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM195QML
Descripción Electrónicos  Ultra Reliable Power Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM195QML Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM195QML_13 Datasheet HTML 6Page - Texas Instruments LM195QML_13 Datasheet HTML 7Page - Texas Instruments LM195QML_13 Datasheet HTML 8Page - Texas Instruments LM195QML_13 Datasheet HTML 9Page - Texas Instruments LM195QML_13 Datasheet HTML 10Page - Texas Instruments LM195QML_13 Datasheet HTML 11Page - Texas Instruments LM195QML_13 Datasheet HTML 12Page - Texas Instruments LM195QML_13 Datasheet HTML 13Page - Texas Instruments LM195QML_13 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LM195QML, LM195QML-SP
SNLS194A – NOVEMBER 2010 – REVISED MARCH 2013
www.ti.com
6.0V Shunt Regulator with Crowbar
Two Terminal 100 mA Current Regulator
Low Level Power Switch
Turn ON = 350 mV
Turn OFF = 200 mV
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM195QML LM195QML-SP


Número de pieza similar - LM195QML_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM195QML TI1-LM195QML Datasheet
347Kb / 18P
[Old version datasheet]   LM195QML Ultra Reliable Power Transistors
More results

Descripción similar - LM195QML_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195 TI1-LM195_13 Datasheet
1Mb / 20P
[Old version datasheet]   Ultra Reliable Power Transistors
logo
National Semiconductor ...
LM295 NSC-LM295 Datasheet
230Kb / 11P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195QML TI1-LM195QML Datasheet
347Kb / 18P
[Old version datasheet]   LM195QML Ultra Reliable Power Transistors
LP395 TI1-LP395 Datasheet
294Kb / 12P
[Old version datasheet]   Ultra Reliable Power Transistor
logo
National Semiconductor ...
LP395 NSC-LP395 Datasheet
130Kb / 5P
   Ultra Reliable Power Transistor
logo
TDK Electronics
LDV12-12-1R0 TDK-LDV12-12-1R0 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
LDV12-15-R80 TDK-LDV12-15-R80 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
LDV12-24-R50 TDK-LDV12-24-R50 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
logo
NXP Semiconductors
DEVKIT-MPC5748G NXP-DEVKIT-MPC5748G Datasheet
1Mb / 23P
   Ultra-Reliable MCUs for Industrial and Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com