Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7642VFR Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza DAC7642VFR
Descripción Electrónicos  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC7642VFR Datasheet(HTML) 2 Page - Texas Instruments

  DAC7642VFR Datasheet HTML 1Page - Texas Instruments DAC7642VFR Datasheet HTML 2Page - Texas Instruments DAC7642VFR Datasheet HTML 3Page - Texas Instruments DAC7642VFR Datasheet HTML 4Page - Texas Instruments DAC7642VFR Datasheet HTML 5Page - Texas Instruments DAC7642VFR Datasheet HTML 6Page - Texas Instruments DAC7642VFR Datasheet HTML 7Page - Texas Instruments DAC7642VFR Datasheet HTML 8Page - Texas Instruments DAC7642VFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DAC7642, DAC7643
2
SBAS233
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
MONOTONICITY
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DAC7642VF
14 Bits
LQFP-32
VF
–40
°C to +85°C
DAC7642
DAC7642VFT
Tape and Reel, 250
"
""""
"
DAC7642VFR
Tape and Reel, 1000
DAC7642VFB
15 Bits
LQFP-32
VF
–40
°C to +85°C
DAC7642B
DAC7642VFB T
Tape and Reel, 250
"
""""
"
DAC7642VFB R
Tape and Reel, 1000
DAC7643VF
14 Bits
LQFP-32
VF
–40
°C to +85°C
DAC7643
DAC7643VFT
Tape and Reel, 250
"
""""
"
DAC7643VFR
Tape and Reel, 1000
DAC7643VFB
15 Bits
LQFP-32
VF
–40
°C to +85°C
DAC7643B
DAC7643VFB T
Tape and Reel, 250
"
""""
"
DAC7643VFB R
Tape and Reel, 1000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS(1)
VCC to VSS ............................................................................. –0.3V to 11V
VCC to GND .......................................................................... –0.3V to 5.5V
VREFL to VSS ............................................................. –0.3V to (VCC – VSS)
VCC to VREFH ............................................................ –0.3V to (VCC – VSS)
VREFH to VREFL ......................................................... –0.3V to (VCC – VSS)
Digital Input Voltage to GND ................................... –0.3V to VCC + 0.3V
Digital Output Voltage to GND ................................. –0.3V to VCC + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision integrated
circuits may be more susceptible to damage because very
small parametric changes could cause the device not to meet
its published specifications.
PACKAGE/ORDERING INFORMATION


Número de pieza similar - DAC7642VFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC7642VFR BURR-BROWN-DAC7642VFR Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642VFR TI1-DAC7642VFR Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7642VFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7632 BURR-BROWN-DAC7632 Datasheet
846Kb / 21P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI1-DAC7642_15 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com