Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST20-24-3.3S Datasheet(PDF) 1 Page - Arch Electronics Corp.

No. de pieza ST20-24-3.3S
Descripción Electrónicos  Power Module for PCB Mountable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARCH [Arch Electronics Corp.]
Página de inicio  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST20-24-3.3S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ST20-24-3.3S Datasheet HTML 1Page - Arch Electronics Corp. ST20-24-3.3S Datasheet HTML 2Page - Arch Electronics Corp. ST20-24-3.3S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : D_2
update : 2016.09.01
Encapsulated DC-DC Converter
ST20 SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
ST20-24-2.5S
ST20-24-3.3S
ST20-24-5S
Max. Output Wattage (W)
12.5W
14W
20W
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Outut Voltage (V.DC.)
2.5V / 4000mA
3.3V / 4000mA
5V / 4000mA
Efficiency
83%
86%
87%
Model No.
ST20-48-2.5S
ST20-48-3.3S
ST20-48-5S
Max. Output Wattage (W)
12.5W
14W
20W
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Outut Voltage (V.DC.)
2.5V / 4000mA
3.3V / 4000mA
5V / 4000mA
Efficiency
83%
86%
87%
Model No.
ST20-24-2.5S
ST20-24-3.3S
ST20-24-5S
ST20-48-2.5S
ST20-48-3.3S
ST20-48-5S
Max Output Wattage (W)
12.5W
14W
20W
12.5W
14W
20W
Input
Input Filter
 type
Voltage (V.DC.)
2.5
3.3
5
2.5
3.3
5
Voltage Accuracy
2%
Current (mA) max
4000
4000
4000
4000
4000
4000
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
1%
Ripple
110mV max (Vp-p)
Noise
200mV max (Vp-p)
Efficiency
83%
86%
87%
83%
86%
87%
Output
Switching Frequency
400KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Current limit, auto-recovery
Protection
Transient Response
≦500 us (100% to 50% full load at
1% error band)
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance
0.5 mm
Case Material
Six-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
32 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE, UL
EMC
EMI (Conducted & Radiated Emission)
EN 55022 class A
KEY FEATURES
 Power Module for PCB Mountable
 2:1 Input Range
 Synchronous Rectifier Topology
 Regulated Output
 Low Ripple and Noise
 Screw Terminal For Optional
 Remote ON/OFF Control (Optional)
 Standard 2” x 1” Package and Pinout
 CE, UL Approval
 3-Years Product Warranty
1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.


Número de pieza similar - ST20-24-3.3S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arch Electronics Corp.
ST20-24-3.3S ARCH-ST20-24-3.3S Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
More results

Descripción similar - ST20-24-3.3S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com