Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL530N Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRL530N
Descripción Electrónicos  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRL530N Datasheet(HTML) 4 Page - International Rectifier

  IRL530N Datasheet HTML 1Page - International Rectifier IRL530N Datasheet HTML 2Page - International Rectifier IRL530N Datasheet HTML 3Page - International Rectifier IRL530N Datasheet HTML 4Page - International Rectifier IRL530N Datasheet HTML 5Page - International Rectifier IRL530N Datasheet HTML 6Page - International Rectifier IRL530N Datasheet HTML 7Page - International Rectifier IRL530N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRL530N
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
3
6
9
12
15
0
1 0
2 03 0
4 05 0
Q
, T otal G ate C harge (nC )
G
V
= 8 0V
V
= 5 0V
V
= 2 0V
DS
DS
DS
A
F O R TE S T CIR C U IT
S E E F IG U R E 1 3
I
= 9.0 A
D
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 2 5°C
J
V
= 0V
GS
V
, S o urc e-to-D rain V o ltage (V )
SD
A
T = 17 5°C
J
1
10
100
1000
1
1 0
100
1000
V
, D rain-to-S ource V oltage (V )
DS
O P E R A T IO N IN T H IS A R E A LIM IT E D
B Y R D S(on)
10µ s
10 0µs
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J
0
200
400
600
800
1000
1200
1400
1
1 0
100
DS
V
, D rain-to-S ourc e V oltage (V )
A
V
= 0V ,
f = 1 M H z
C
= C
+ C
, C
S H O R TE D
C
= C
C
= C
+ C
GS
iss
g s
g d
d s
rs s
g d
o ss
ds
g d
C iss
C oss
Crss


Número de pieza similar - IRL530N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
IRL530N ISC-IRL530N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IRL530NL ISC-IRL530NL Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL530NLPBF IRF-IRL530NLPBF Datasheet
465Kb / 11P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10廓 , ID=17A )
IRL530NLPBF IRF-IRL530NLPBF Datasheet
466Kb / 11P
   Adavanced Process Technology
IRL530NPBF IRF-IRL530NPBF Datasheet
466Kb / 11P
   Adavanced Process Technology
More results

Descripción similar - IRL530N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com