Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS310615DVBR Datasheet(PDF) 9 Page - Texas Instruments |
|
TPS310615DVBR Datasheet(HTML) 9 Page - Texas Instruments |
9 / 22 page TPS31xxExx, TPS31xxH20, TPS31xxK33 ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS SLVS363B − AUGUST 2001 − REVISED SEPTEMBER 2004 www.ti.com 9 Terminal Functions TERMINAL I/O DESCRIPTION NAME PART NO. I/O DESCRIPTION GND ALL 2 GND MR ALL 3 I Manual-reset input. Pull low to force a reset. RESET remains low as long as MR is low and for the timeout period after MR goes high. Leave unconnected or connect to VDD when unused. PFI TPS3103 4 I Power-fail input compares to 0.551 V with no additional delay. Connect to VDD if not used. PFO TPS3103 5 O Power-fail output. Goes high when voltage at PFI rises above 0.551 V. RESET TPS3103 TPS3110 1 O Active-low reset output. Either push-pull or open-drain output stage RSTSENSE TPS3106 5 O Active-low reset output. Logic level at RSTSENSE only depends on the voltage at SENSE and the status of MR. RSTVDD TPS3106 1 O Active-low reset output. Logic level at RSTVDD only depends on the voltage at VDD and the status of MR. SENSE TPS3106 TPS3110 4 4 I A reset will be asserted if the voltage at SENSE is lower than 0.551 V. Connect to VDD if unused VDD ALL 6 Supply voltage. Powers the device and monitors its own voltage VDD ALL 6 Supply voltage. Powers the device and monitors its own voltage WDI TPS3110 5 I Watchdog timer input. If WDI remains high or low longer than the time-out period, then reset is triggered. The timer clears when reset is asserted or when WDI sees a rising edge or a falling edge. detailed description watchdog The TPS3110 device integrates a watchdog timer that must be periodically triggered by a positive or negative transition of WDI. When the supervising system fails to retrigger the watchdog circuit within the time-out interval, RESET becomes active for the time period (td). This event also reinitializes the watchdog timer. manual reset (MR) Many µC-based products require manual-reset capability, allowing an operator or logic circuitry to initiate a reset. Logic low at MR asserts reset. Reset remains asserted while MR is low and for a time period (td) after MR returns high. The input has an internal 100-k Ω pull-up resistor, so it can be left open if it is unused. Connect a normally open momentary switch from MR to GND to create a manual reset function. External debounce is not required. If MR is driven from long cables or if the device is used in noisy environments, connecting a 0.1- µF capacitor from MR to GND provides additional noise immunity. PFI, PFO The TPS3103 has an integrated power-fail (PFI) comparator with a separate open drain (PFO) output can be used for low-battery detection, power-fail warning, or for monitoring a power supply other than the main supply. An additional comparator is provided to monitor voltages other than the nominal supply voltage. The power-fail input (PFI) will be compared with an internal voltage reference of 0.551 V. If the input voltage falls below the power-fail threshold (VIT−(S)), the power-fail output (PFO) goes low. If it goes above 0.551 V plus approximately 15-mV hysteresis, the output returns to high. By connecting two external resistors, it is possible to supervise any voltage above 0.551 V. The sum of both resistors should be approximately 1 M Ω, to minimize power consumption and to assure that the current into the PFI pin can be neglected compared with the current through the resistor network. The tolerance of the external resistors should be not more than 1% to ensure minimal variation of sensed voltage. If the power-fail comparator is unused, connect PFI to GND and leave PFO unconnected. For proper operation of the PFI-comparator the supply voltage (VDD) must be higher than 0.8 V. |
Número de pieza similar - TPS310615DVBR |
|
Descripción similar - TPS310615DVBR |