Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYM26A Datasheet(PDF) 1 Page - Diode Semiconductor Korea

No. de pieza BYM26A
Descripción Electrónicos  SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DSK [Diode Semiconductor Korea]
Página de inicio  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYM26A Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BYM26A Datasheet HTML 1Page - Diode Semiconductor Korea BYM26A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--27,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces,1.15 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BYM26B
BYM26C
BYM26D
BYM26E
UNITS
Maximum recurrent peak reverse voltage
VRRM
400
600
800
1000
V
Maximum RMS voltage
VRMS
280
420
560
700
V
Maximum DC blocking voltage
VDC
400
600
800
1000
V
Maximum average forw ard rectified current
9.5mmlead length,
@T
A=75
Peak forw ard surge current
10 ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 2.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
VOLTAGE RANGE: 200 --- 1000 V
CURRENT: 2.3 A
DO - 27
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
140
- 55 ----- + 150
150.0
200
2.65
30
75
The plastic material carries U/L recognition 94V-0
75
BYM26A(Z) --- BYM26E(Z)
A
10.0
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
2.3
SUPER FAST RECTIFIERS
BYM26A
200
85
75
3. Thermal resistance f rom junction to ambient.
A
45.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Número de pieza similar - BYM26A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYM26A PHILIPS-BYM26A Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
logo
Galaxy Semi-Conductor H...
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM26A LUGUANG-BYM26A Datasheet
163Kb / 2P
   Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
BYM26A SUNMATE-BYM26A Datasheet
354Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Thinki Semiconductor Co...
BYM26A THINKISEMI-BYM26A Datasheet
3Mb / 2P
   2.3 Amperes Glass Passivated Ultra Fast Recovery Rectifier Diode
More results

Descripción similar - BYM26A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com