Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G02HD4-7 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza 74LVC2G02HD4-7
Descripción Electrónicos  DUAL 2-INPUT NOR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G02HD4-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC2G02HD4-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G02HD4-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G02HD4-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G02HD4-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G02HD4-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G02HD4-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G02HD4-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G02HD4-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G02HD4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74LVC2G02
Document number: DS37927 Rev 1 - 2
2 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G02
Ordering Information (Note 4)
74LVC2G
02
XXX
-7
Logic Device
Function
Package
Packing
74 : Logic Prefix
02 :
2-Input
HD4 : X2-DFN2010-8
-
7 : 7” Tape & Reel
LVC : 1.65V to 5.5V
NOR Gate
HK3 : X2-DFN1410-8
Logic Family
RA3 : X2-DFN1210-8
2G : Dual Gate
Device
Package
Code
Package
(Note 5)
Package
Size
7” Tape and Reel (Note 6)
Quantity
Part Number
Suffix
74LVC2G02HD4-7
HD4
X2-DFN2010-8
1.95mm x 1.0mm x 0.4mm
0.5 mm lead pitch
5,000/Tape & Reel
-7
74LVC2G02HK3-7
HK3
X2-DFN1410-8
1.35mm x 1.0mm x 0.35mm
0.4 mm lead pitch
5,000/Tape & Reel
-7
74LVC2G02RA3-7
RA3
X2-DFN1210-8
1.2mm x 1.0mm x 0.35mm
0.3 mm lead pitch
5,000/Tape & Reel
-7
Notes:
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
5.
Pad layout as shown in Diodes Incorporated’s package outline PDFs, which can be found on our website at http://www.diodes.com/package-
outlines.html.
6. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf.
Pin Descriptions
Pin Name
Pin No.
Description
1A
1
Data Input
1B
2
Data Input
2Y
3
Data Output
GND
4
Ground
2A
5
Data Input
2B
6
Data Input
1Y
7
Data Output
VCC
8
Supply Voltage
Logic Diagram
1A
1B
7
1Y
1
2
2A
2B
3
2Y
5
6
Function Table
Inputs
Output
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L


Número de pieza similar - 74LVC2G02HD4-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
NXP Semiconductors
74LVC2G02 NXP-74LVC2G02 Datasheet
87Kb / 15P
   Dual 2-input NOR gate
Rev. 05-4 September 2007
74LVC2G02 NXP-74LVC2G02 Datasheet
102Kb / 16P
   Dual 2-input NOR gate
Rev. 07-6 June 2008
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Nexperia B.V. All right...
74LVC2G02 NEXPERIA-74LVC2G02 Datasheet
268Kb / 17P
   Dual 2-input NOR gate
Rev. 14 - 21 July 2021
More results

Descripción similar - 74LVC2G02HD4-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com