Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M74HC4052M1R Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza M74HC4052M1R
Descripción Electrónicos  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4052M1R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC4052M1R Datasheet HTML 2Page - STMicroelectronics M74HC4052M1R Datasheet HTML 3Page - STMicroelectronics M74HC4052M1R Datasheet HTML 4Page - STMicroelectronics M74HC4052M1R Datasheet HTML 5Page - STMicroelectronics M74HC4052M1R Datasheet HTML 6Page - STMicroelectronics M74HC4052M1R Datasheet HTML 7Page - STMicroelectronics M74HC4052M1R Datasheet HTML 8Page - STMicroelectronics M74HC4052M1R Datasheet HTML 9Page - STMicroelectronics M74HC4052M1R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M74HC4052
6/12
ANALOG SWITCH CHARACTERISTICS (GND = 0V; TA = 25°C)
(*) Input COMMON Terminal, and measured at SWITCH Terminal
(**) Input SWITCH Terminal, and measured at common Terminal
NOTE: These characteristics are determined by the design of the device.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion
2.25
-2.25
4
fIN = 1 KHz RL = 10 K, CL = 50 pF
0.025
%
4.5
-4.5
8
0.020
6.0
-6.0
11
0.018
fMAX
Frequency
Response
(Switch ON) (*)
2.25
-2.25
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL = 50, CL = 10 pF, fIN = 1KHz sine wave
120
MHz
4.5
-4.5
190
6.0
-6.0
200
fMAX
Frequency
Response
(Switch ON) (**)
2.25
-2.25
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL = 50, CL = 10 pF, fIN = 1KHz sine wave
70
MHz
4.5
-4.5
110
6.0
-6.0
140
Feedthrough
Attenuation
(Switch OFF)
2.25
-2.25
VIN is centered at (VCC - VEE)/2
Adjust input for 0 dBm
RL = 600, CL = 50 pF, fIN = 1KHz sine wave
-50
dB
4.5
-4.5
-50
6.0
-6.0
-50
Crosstalk (Control
Input to Signal
Output)
2.25
-2.25
Adjust RL at set up so that IS = 0A.
RL = 600, CL = 50 pF, fIN = 1KHz square wave
60
mV
4.5
-4.5
140
6.0
-6.0
200
Crosstalk
(between any two
Switches)
2.25
-2.25
Adjust VIN to obtain 0dBm at input
RL = 600, CL = 50 pF, fIN = 1KHz sine wave
-50
dB
4.5
-4.5
-50
6.0
-6.0
-50


Número de pieza similar - M74HC4052M1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HC4052M1R STMICROELECTRONICS-M74HC4052M1R Datasheet
301Kb / 15P
   ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
More results

Descripción similar - M74HC4052M1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com