Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTP45N06 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza NTP45N06
Descripción Electrónicos  Power MOSFET 45 Amps, 60 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP45N06 Datasheet(HTML) 1 Page - ON Semiconductor

  NTP45N06 Datasheet HTML 1Page - ON Semiconductor NTP45N06 Datasheet HTML 2Page - ON Semiconductor NTP45N06 Datasheet HTML 3Page - ON Semiconductor NTP45N06 Datasheet HTML 4Page - ON Semiconductor NTP45N06 Datasheet HTML 5Page - ON Semiconductor NTP45N06 Datasheet HTML 6Page - ON Semiconductor NTP45N06 Datasheet HTML 7Page - ON Semiconductor NTP45N06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
March, 2001 – Rev. 0
1
Publication Order Number:
NTP45N06/D
NTP45N06, NTB45N06
Power MOSFET
45 Amps, 60 Volts
N–Channel TO–220 and D2PAK
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls and bridge
circuits.
Features
Higher Current Rating
Lower RDS(on)
Lower VDS(on)
Lower Capacitances
Lower Total Gate Charge
Tighter VSD Specification
Lower Diode Reverse Recovery Time
Lower Reverse Recovery Stored Charge
Typical Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
60
Vdc
Drain–to–Gate Voltage (RGS = 10 MΩ)
VDGR
60
Vdc
Gate–to–Source Voltage
– Continuous
– Non–Repetitive (tpv10 ms)
VGS
VGS
"20
"30
Vdc
Drain Current
– Continuous @ TA = 25°C
– Continuous @ TA = 100°C
– Single Pulse (tpv10 µs)
ID
ID
IDM
45
30
150
Adc
Apk
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
Total Power Dissipation @ TA = 25°C (Note 1.)
Total Power Dissipation @ TA = 25°C (Note 2.)
PD
125
0.83
3.2
2.4
W
W/
°C
W
W
Operating and Storage Temperature Range
TJ, Tstg –55 to
+175
°C
Single Pulse Drain–to–Source Avalanche
Energy – Starting TJ = 25°C
(VDD = 50 Vdc, VGS = 10 Vdc, RG = 25 Ω,
IL(pk) = 40 A, L = 0.3 mH, VDS = 60 Vdc)
EAS
240
mJ
1. When surface mounted to an FR4 board using 1
″ pad size,
(Cu Area 1.127 in2).
2. When surface mounted to an FR4 board using the minimum recommended
pad size, (Cu Area 0.412 in2).
NTP45N06
LLYWW
NTB45N06
LLYWW
45 AMPERES
60 VOLTS
RDS(on) = 26 mΩ
Device
Package
Shipping
ORDERING INFORMATION
NTP45N06
TO–220AB
50 Units/Rail
TO–220AB
CASE 221A
STYLE 5
1
2
3
4
http://onsemi.com
N–Channel
D
S
G
MARKING DIAGRAMS
& PIN ASSIGNMENTS
NTx45N06
= Device Code
LL
= Location Code
Y
= Year
WW
= Work Week
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
1
2
3
4
D2PAK
CASE 418B
STYLE 2
NTB45N06
D2PAK
50 Units/Rail
NTB45N06T4
D2PAK
800/Tape & Reel


Número de pieza similar - NTP45N06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTP45N06 ONSEMI-NTP45N06 Datasheet
86Kb / 7P
   Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 1
NTP45N06 ONSEMI-NTP45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTP45N06 ONSEMI-NTP45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTP45N06L ONSEMI-NTP45N06L Datasheet
87Kb / 8P
   45 Amps, 60 Volts, Logic Level, N?묬hannel TO??20 and D2PAK
August, 2004 ??Rev. 1
NTP45N06L ONSEMI-NTP45N06L Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
More results

Descripción similar - NTP45N06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTB45N06L ONSEMI-NTB45N06L_11 Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
NTB45N06 ONSEMI-NTB45N06_11 Datasheet
148Kb / 7P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
   Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
   Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTD32N06LT4G ONSEMI-NTD32N06LT4G Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD60N03 ONSEMI-NTD60N03 Datasheet
89Kb / 10P
   Power MOSFET 60 Amps, 28 Volts
March, 2003 - Rev. 5
NTP27N06L ONSEMI-NTP27N06L Datasheet
66Kb / 8P
   Power MOSFET 27 Amps, 60 Volts
January, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com