Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL2009KG Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

No. de pieza SL2009KG
Descripción Electrónicos  Dual stage IF amplifier for cable tuners
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2009KG Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SL2009KG Datasheet HTML 1Page - Zarlink Semiconductor Inc SL2009KG Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2009KG Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2009KG Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2009KG Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2009KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2009KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2009KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2009KG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SL2009
4
Figure 5 - Typical SAWF driver input impedance, single-ended
Figure 6 - Typical SAWF driver output impedance, single-ended
1
2
3
4
CH1
S11
1 U FS
START
1.000 000 MHz
STOP 100.000 000 MHz
Cor
Avg
16
PRm
8 Feb 2001 16:27:29
1: 2.3 K - 56
=
2.3 K
2.8 nF
@ 1MHz
2: 1.2 K - 1.0 K =
1.2 K
4.4 pF
@ 36 MHz
3: 932 - 1.1 K
=
932
2.9 pF
@ 50 MHz
4: 448 - 760
=
448
2.0 pF
@100MHz
CH1
S11
1 U FS
START
1.000 000 MHz
STOP 100.000 000 MHz
Cor
Avg
16
PRm
8 Feb 2001 16:27:29
Normalised to 2 K
CH1
S11
1 U FS
START
1.000 000 MHz
STOP 100.000 000 MHz
Cor
Avg
16
PRm
9 Feb 2001 12:27:19
1_: 132.01
-1.5938
99.862 nF
1.000 000 MHz
2
3
4
1
2_: 121.2
-12.078
36MHZ
3_: 117.25
50MHz
4_: 110.06
-7.5742W
100MHz
Normalised to 50


Número de pieza similar - SL2009KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdiode Electronics ...
SL20100 CHENDA-SL20100 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SL20100 JUXING-SL20100 Datasheet
3Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
logo
Mitel Networks Corporat...
SL2015 MITEL-SL2015 Datasheet
181Kb / 17P
   Full Band Satellite Tuner
logo
Microdiode Electronics ...
SL20150 CHENDA-SL20150 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Mitel Networks Corporat...
SL2017 MITEL-SL2017 Datasheet
190Kb / 17P
   Full Band Satellite Tuner
More results

Descripción similar - SL2009KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
U4459B TEMIC-U4459B Datasheet
108Kb / 7P
   IF Amplifier for Cable DVB Processing
U4476B TEMIC-U4476B Datasheet
187Kb / 7P
   IF Amplifier / Converter for DVB (Cable)
logo
NTE Electronics
NTE1042 NTE-NTE1042 Datasheet
76Kb / 1P
   Integrated Circuit 3 Stage FM IF Amplifier
logo
Maxim Integrated Produc...
MAX3570 MAXIM-MAX3570 Datasheet
436Kb / 17P
   HI-IF Single-Chip Broadband Tuners
Rev 0; 2/05
logo
NTE Electronics
NTE750 NTE-NTE750 Datasheet
82Kb / 2P
   Integrated Circuit Four Stage FM/IF Amplifier, Limiter
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
logo
Infineon Technologies A...
BB857E7902 INFINEON-BB857E7902 Datasheet
858Kb / 7P
   For SAT tuners
2011-06-15
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
logo
Siemens Semiconductor G...
TBA229-5 SIEMENS-TBA229-5 Datasheet
599Kb / 12P
   Dual Sound FM IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com