Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC75S59FU Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
TC75S59FU Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 28 page 123 Protective Functions Diagnostic Functions Part Number Use/Function Outline Operating Supply Voltage (V) Operating Temperature Topr (°C) Junction (Channel) Temperature Tj (°C) Power Dissipation PD (W) Overcurrent IS (A) Over Temperature TS (°C) Overvoltage VS (V) Short load Open load Over Temperature Overvoltage Input/ Output Package TPD2004F Air bag 2-ch squib driver (high-side SS) VBB 30 V RDS(ON) = 1 Ω Max VBB=4 to 25 VCC=4.75 to 5.25 0.8 ⎯ ⎯ ⎯ 1) Squib-short, short-to-battery, short-to-ground and open-circuit detection 2) When an abnormal condition is diagnosed, the safing sensor is turned on. 3) Diagnosis performed on squib driver’s internal MOSFET When LSD = L and HSD = H, squib ignites. SSOP-24PIN TPD2005F 8-ch high-side switch VDD 45 V IO 1 A RDS(ON) = 1.2 Ω Max 8 to 40 0.8 1.0 Min 160 Typ. ⎯ ⎯ ⎯ ⎯ ⎯ H/H SSOP-24PIN TPD2007F 8-ch low-side switch VDS(DC) 40 V IO 1 A RDS(ON) = 1.4 Ω Max up to 40 −40 to 85 0.8 1.0 Min 160 Typ. Active clamp 40 Min ⎯ ⎯ ⎯ ⎯ H/L SSOP-24PIN TPD7000AF 4-ch low-side Power MOSFET driver VDH 25 V Io 20 mA Max VDH=8 to 18 VDL=4.5 to 5.5 0.5 VDS monitor 1.0 V Typ. ⎯ Active clamp 35 V Typ. DIAG L DIAG H ⎯ ⎯ H/H (ENB=“H”) SSOP-24PIN TPD7100F 2-ch high-side Power MOSFET driver (with built-in charge pump) VDD 30 V Source current 0.1 A Typ. Sink current 0.1 A Typ. 8 to 18 −40 to 110 0.8 Adjustable ⎯ (Undervoltage detected at 4.5 V Max) Overcurrent ⎯ ⎯ ⎯ H/H SSOP-24PIN TPD7201F 3-phase full-bridge Power MOSFET driver (with built-in charge pump) VDD 30 V Source current 1 A Max Sink current 1 A Max 7 to 18 0.8 ⎯ ⎯ 22 V Typ. (Undervoltage detected at 6.0 V Typ.) ⎯ ⎯ ⎯ FAULT H (and undervoltage) H/H SSOP-24PIN TPD7202F H bridge Power MOSFET driver (with built-in charge pump VDD 30 V Source current 1 A Max Sink current 1 A Max 7 to 18 0.8 ⎯ ⎯ 22 V Typ. (Undervoltage detected at 6.0 V Typ.) ⎯ ⎯ ⎯ FAULT H (and undervoltage) H/H SSOP-24PIN TPD7203F 3-phase full-bridge Power MOSFET driver (with built-in charge pump) VDD 30 V Source current 1 A Max Sink current 1 A Max 7 to 18 −40 to 125 150 0.8 ⎯ ⎯ (Undervoltage detected at 6.0 V Typ.) ⎯ ⎯ ⎯ FAULT H (only under voltage) H/H SSOP-24PIN : Dry-packed product |
Número de pieza similar - TC75S59FU |
|
Descripción similar - TC75S59FU |