Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5224B Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

No. de pieza 1N5224B
Descripción Electrónicos  0.5 Watt DO-35G Hermetically Sealed Pkg Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Página de inicio  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

1N5224B Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  1N5224B Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. 1N5224B Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Power Dissipation
500
mW
Storage Temperature Range
-65 to +200
°C
Operating Junction Temperature
+200
°C
Lead Temperature (1/16” from case for 10 seconds)
+230
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.4 to 39 Volts
DO-35G Package (JEDEC)
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All external surfaces are corrosion resistant and leads are readily solderable
Cathode indicated by polarity band
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
ZZK @ IZK = 0.25mA
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
1N5221B
2.4
20
30
1200
100
1
1N5222B
2.5
20
30
1250
100
1
1N5223B
2.7
20
30
1300
75
1
1N5224B
2.8
20
30
1400
75
1
1N5225B
3
20
29
1600
50
1
1N5226B
3.3
20
28
1600
25
1
1N5227B
3.6
20
24
1700
15
1
1N5228B
3.9
20
23
1900
10
1
1N5229B
4.3
20
22
2000
5
1
1N5230B
4.7
20
19
1900
5
2
1N5231B
5.1
20
17
1600
5
2
1N5232B
5.6
20
11
1600
5
3
1N5233B
6
20
7
1600
5
3.5
1N5234B
6.2
20
7
1000
5
4
1N5235B
6.8
20
5
750
3
5
1N5236B
7.5
20
6
500
3
6
1N5237B
8.2
20
8
500
3
6.5
1N5238B
8.7
20
8
600
3
6.5
1N5239B
9.1
20
10
600
3
7
1N5240B
10
20
17
600
3
8
1N5241B
11
20
22
600
2
8.4
1N5242B
12
20
30
600
1
9.1
1N5243B
13
9.5
13
600
0.5
9.9
1N5244B
14
9
15
600
0.1
10
Cathode
Anode
ELECTRICAL SYMBOL
®
1N5221B thru 1N5259B
Pb Free Plating Product
1N5221B thru 1N5259B
Pb
0.5 Watt DO-35G Hermetically Sealed Pkg Zener Diodes
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.05
AXIAL LEAD
DO-35G


Número de pieza similar - 1N5224B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5224B VISHAY-1N5224B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5224B VISHAY-1N5224B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5224B MCC-1N5224B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Yea Shin Technology Co....
1N5224B YEASHIN-1N5224B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Fairchild Semiconductor
1N5224B FAIRCHILD-1N5224B Datasheet
193Kb / 4P
   Zeners
More results

Descripción similar - 1N5224B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
1N4728A THINKISEMI-1N4728A Datasheet
230Kb / 2P
   1.0 Watt DO-41G Hermetically Sealed Pkg Zener Diodes
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
1N4728A YEASHIN-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41G Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com