Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC75S60F Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

No. de pieza TC75S60F
Descripción Electrónicos  General-Purpose Linear ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

TC75S60F Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TC75S60F Datasheet HTML 7Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 8Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 9Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 10Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 11Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 12Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 13Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 14Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
127
(DMOS Array Series)
Part Number
Package
Use
Structure
TB62003F/P
SOP20/DIP20
8-bit DMOS driver
8-bit DMOS driver with inverter gate, 35 V / 200 mA
TB62004F/P
SOP20/DIP20
8-bit DMOS driver
8-bit DMOS driver with non-inverter gate, 35 V / 200 mA
TB62006F/P
SOP20/DIP20
8-bit DMOS driver
8-bit DMOS driver with NAND gate, 35 V / 200 mA
TB62007F/P
SOP20/DIP20
8-bit DMOS driver
8-bit DMOS driver with AND gate, 35 V / 200 mA
TB62008F/P
SOP20/DIP20
8-bit DMOS driver
8-bit DMOS driver with NOR gate, 35 V / 200 mA
TB62009F/P
SOP20/DIP20
8-bit DMOS driver
8-bit DMOS driver with OR gate, 35 V / 200 mA
(Multi-Chip Transistor Array Series)
Part Number
Device Type
Output Breakdown Voltage
(V)
Output Current
(A)
Package
TD62M4700F
2-ch push-pull driver, low-saturation type
10
±2.0
SSOP16
TD62M2701F
2-ch push-pull driver, low-saturation type
10
±2.0
SSOP16
TD62M2702F
2-ch push-pull driver, low-saturation type
10
±2.0
SSOP16
TD62M3600F
3-ch source driver, low-saturation type
10
−2.0
SSOP10
TD62M3601F
3-ch source driver, low-saturation type
30
−1.5
SSOP10
TD62M3700F
3-ch push-pull driver, low-saturation type
30
±1.5
SSOP16
TD62M3701F
3-ch push-pull driver, low-saturation type
10
±2.0
SSOP16
TD62M3702F
3-ch push-pull driver, low-saturation type
15
±2.0
SSOP16
TD62M3704F
3-ch push-pull driver, low-saturation type
10
−0.4
SSOP16
TD62M4500F
4-ch sink driver, low-saturation type
10
2.0
SSOP16
TD62M4501F
4-ch sink driver, low-saturation type
20
2.0
SSOP16
TD62M4503AFN
4-ch power MOSFET sink driver + diode
60
0.8
SSOP24 (0.65 mm)
TD62M4600F
4-ch source driver, low-saturation type
10
−2.0
SSOP16
TD62M4601F
4-ch source driver, low-saturation type
20
−2.0
SSOP16
TD62M8500F
8-ch sink driver, low-saturation type
10
2.0
HSOP16
TD62M8501F
8-ch sink driver, low-saturation type
20
2.0
HSOP16
TD62M8600F
8-ch source driver, low-saturation type
10
−2.0
HSOP16
TD62M8601F
8-ch source driver, low-saturation type
20
−2.0
HSOP16
TD62M8603F
8-ch source driver, low-saturation type
30
−1.5
HSOP16
TD62M8604AF
8-ch source driver, low-saturation type
50
−2.0
HSOP16


Número de pieza similar - TC75S60F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC75S60F TOSHIBA-TC75S60F Datasheet
229Kb / 11P
   Single Operational Amplifier
TC75S60FU TOSHIBA-TC75S60FU Datasheet
229Kb / 11P
   Single Operational Amplifier
More results

Descripción similar - TC75S60F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCTL-1100 HP-HCTL-1100 Datasheet
476Kb / 39P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
HCTL-1100PLC AVAGO-HCTL-1100PLC Datasheet
346Kb / 40P
   General Purpose Motion Control ICs
logo
Agilent(Hewlett-Packard...
HCTL1100 HP-HCTL1100 Datasheet
435Kb / 40P
   General Purpose Motion Control ICs
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
RF Micro Devices
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com