Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KRC416E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KRC416E
Descripción Electrónicos  SEMICONDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC416E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KRC416E Datasheet HTML 1Page - KEC(Korea Electronics) KRC416E Datasheet HTML 2Page - KEC(Korea Electronics) KRC416E Datasheet HTML 3Page - KEC(Korea Electronics) KRC416E Datasheet HTML 4Page - KEC(Korea Electronics) KRC416E Datasheet HTML 5Page - KEC(Korea Electronics) KRC416E Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2008. 11. 20
1/6
SEMICONDUCTOR
TECHNICAL DATA
KRC416E~KRC422E
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION
FEATURES
・With Built-in Bias Resistors.
・Simplify Circuit Design.
・Reduce a Quantity of Parts and Manufacturing Process.
DIM
MILLIMETERS
A
B
D
E
ESM
1.60 0.10
0.85 0.10
0.70 0.10
0.27+0.10/-0.05
1.60 0.10
1.00 0.10
0.50
0.13 0.05
C
G
H
J
1
3
2
E
B
D
J
1. EMITTER
2. BASE
3. COLLECTOR
+_
+_
+_
+_
+_
+_
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25℃)
MARK SPEC
R1
R2
COMMON
OUT
IN
Type Name
Marking
TYPE NO.
R1(kΩ)
R2(kΩ)
KRC416E
1
10
KRC417E
2.2
2.2
KRC418E
2.2
10
KRC419E
4.7
10
KRC420E
10
4.7
KRC421E
47
10
KRC422E
100
100
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRC416E~422E
VO
50
V
Input Voltage
KRC416E
VI
10, -5
V
KRC417E
12, -10
KRC418E
12,-5
KRC419E
20, -7
KRC420E
30, -10
KRC421E
40, -15
KRC422E
40, -10
Output Current
KRC416E~422E
IO
100
mA
Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
TYPE
KRC416E
KRC417E
KRC418E
KRC419E
KRC420E
KRC421E
KRC422E
MARK
N2
N4
N5
N6
N7
N8
N9


Número de pieza similar - KRC416E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KRC416 KEC-KRC416 Datasheet
185Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC416V KEC-KRC416V Datasheet
390Kb / 6P
   SEMICONDUCTOR
More results

Descripción similar - KRC416E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com