Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL33B Datasheet(PDF) 1 Page - GOOD-ARK Electronics

No. de pieza SL33B
Descripción Electrónicos  Surface Mount Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SL33B Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SL33B Datasheet HTML 1Page - GOOD-ARK Electronics SL33B Datasheet HTML 2Page - GOOD-ARK Electronics SL33B Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
SL32B thru SL310B 
www.goodark.com                                  1 / 3
                                    rev.1 
 
Surface Mount Schottky Barrier Rectifier
FEATURES
Ideal for automated placement
Low forward voltage drop
Low leakage current
Meets environmental standard MIL-S-19500D
Moisture sensitivity:level 1, per J-STD-020
Solder dip 275 °C, 10 s
Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in general purpose rectification of lighting, power supplies, inverters, converters and
freewheeling diodes for consumer, automotive and telecommunication.
MECHANICAL DATA
Case:
DO-214AA, molded epoxy body,Epoxy meets UL 94V-0 flammability rating
Terminals:
Matte tin plated leads, solderable per J-STD-002 and JESD22B-106
Polarity:
Laser Band Denotes Cathode Band
MAXIMUM RATINGS
(TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL32B
SL33B
SL34B
SL35B
SL36B
SL37B
SL38B
SL39B
SL310B
UNIT
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
60
70
80
90
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
49
56
63
70
V
Maximum DC blocking
voltage
VDC
20
30
40
50
60
70
80
90
100
V
Maximum average forward
rectified current at
TL(See Fig.1)
IF(AV)
3
A
Peak forward surge current
8.3 ms single half
sine-wave superimposed
on rated load
IFSM
80
A
Operating junction
temperature range
TJ
- 55 to + 125
- 55 to + 150
°C
Storage temperature range
TSTG
- 55 to + 150
°C
PRIMARY CHARACTERISTICS
IF(AV)
3 A
VRRM
20 V to 100 V
IFSM
80A
VF
0.42V,0.5V,0.75V
TJ max.
125 °C ,150 °C
 
DO‐214AA(SMB)


Número de pieza similar - SL33B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdiode Electronics ...
SL33B CHENDA-SL33B Datasheet
192Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SL33B BILIN-SL33B Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SL33B CHENDA-SL33B Datasheet
988Kb / 3P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
logo
Galaxy Semi-Conductor H...
SL33BF BILIN-SL33BF Datasheet
446Kb / 4P
   Schottky Barrier Rectifiers
More results

Descripción similar - SL33B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com