Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
Si5340 Datasheet(PDF) 11 Page - Silicon Laboratories |
|
Si5340 Datasheet(HTML) 11 Page - Silicon Laboratories |
11 / 53 page 3.5.10 Synchronous/Asynchronous Output Disable Feature Outputs can be configured to disable synchronously or asynchronously. The default state is synchronous output disable. In synchro- nous disable mode the output will wait until a clock period has completed before the driver is disabled. This prevents unwanted runt pulses from occurring when disabling an output. In asynchronous disable mode the output clock will disable immediately without waiting for the period to complete. 3.5.11 Output Delay Control (t0-t4) The Si5341/40 uses independent MultiSynth dividers (N0 - N4) to generate up to 5 unique frequencies to its 10 outputs through a cross- point switch. By default all clocks are phase aligned. A delay path (t0 - t4) associated with each of these dividers is available for applica- tions that need a specific output skew configuration. Each delay path is controlled by a register parameter call Nx_DELAY with a resolu- tion of ~0.28 ps over a range of ~±9.14 ns. This is useful for PCB trace length mismatch compensation. After the delay controls are configured, the soft reset bit SOFT_RST must be set high so that the output delay takes effect and the outputs are re-aligned. ÷N0 t0 ÷N1 t1 ÷N2 t2 ÷N3 t3 ÷N4 t4 OUT2b VDDO2 OUT2 VDDO3 ÷R2 OUT3b OUT3 ÷R3 OUT1b VDDO1 OUT1 ÷R1 OUT5b VDDO5 OUT5 VDDO6 ÷R5 OUT6b OUT6 ÷R6 OUT4b VDDO4 OUT4 ÷R4 OUT7b VDDO7 OUT7 VDDO8 ÷R7 OUT8b OUT8 ÷R8 OUT0b VDDO0 OUT0 ÷R0 VDDO9 OUT9b OUT9 ÷R9 Figure 3.7. Example of Independently Configurable Path Delays All delay values are restored to their NVM programmed values after power-up or after a hard reset. Delay default values can be written to the NVM allowing a custom delay offset configuration at power-up or after a hardware reset. Si5341/40 Rev D Data Sheet Functional Description silabs.com | Smart. Connected. Energy-friendly. Rev. 1.0 | 10 |
Número de pieza similar - Si5340 |
|
Descripción similar - Si5340 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |