Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si5340A-D-GM Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza Si5340A-D-GM
Descripción Electrónicos  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5340A-D-GM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si5340A-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5340A-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5340A-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5340A-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5340A-D-GM Datasheet HTML 9Page - Silicon Laboratories Si5340A-D-GM Datasheet HTML 10Page - Silicon Laboratories Si5340A-D-GM Datasheet HTML 11Page - Silicon Laboratories Si5340A-D-GM Datasheet HTML 12Page - Silicon Laboratories Si5340A-D-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
3.5 Outputs
The Si5341 supports 10 differential output drivers which can be independently configured as differential or LVCMOS. The Si5340 sup-
ports 4 output drivers independently configurable as differential or LVCMOS.
3.5.1 Output Signal Format
The differential output amplitude and common mode voltage are both fully programmable and compatible with a wide variety of signal
formats including LVDS and LVPECL. In addition to supporting differential signals, any of the outputs can be configured as LVCMOS
(3.3 V, 2.5 V, or 1.8 V) drivers providing up to 20 single-ended outputs, or any combination of differential and single-ended outputs.
3.5.2 Differential Output Terminations
The differential output drivers support both ac-coupled and dc-coupled terminations as shown in the figure below.
100
50
50
Internally
self-biased
AC Coupled LVDS/LVPECL
50
50
AC Coupled LVPECL/CML
VDD– 1.3V
50
50
50
50
100
DC Coupled LVDS
OUTx
OUTxb
OUTx
OUTxb
OUTx
OUTxb
VDDO = 3.3V , 2.5V , 1.8V
VDDO = 3.3V , 2.5V
VDDO = 3.3V , 2.5V , 1.8V
Si5341/40
Si5341/40
Si5341/40
AC Coupled HCSL
R1
OUTx
OUTxb
VDDO = 3.3V,2.5V,1.8V
Si5341/40
50
50
R1
R2
R2
VDDRX
Standard
HCSL
Receiver
VDDRX
Option1
For VCM = 0. 37V
3. 3 V
2. 5 V
1. 8 V
442 ohms
332 ohms
243 ohms
56.2 ohms
59 ohms
63.4 ohms
R1
R2
Figure 3.5. Supported Differential Output Terminations
3.5.3 Programmable Common Mode Voltage for Differential Outputs
The common mode voltage (VCM) for the differential modes are programmable so that LVDS specifications can be met and for the best
signal integrity with different supply voltages. When dc coupling the output driver it is essential that the receiver should have a relatively
high common mode impedance so that the common mode current from the output driver is very small.
Si5341/40 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 8


Número de pieza similar - Si5340A-D-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5340A-D-GM SKYWORKS-SI5340A-D-GM Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results

Descripción similar - Si5340A-D-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Silicon Laboratories
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com