Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5348 Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI5348
Descripción Electrónicos  Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5348 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5348 Datasheet HTML 7Page - Silicon Laboratories SI5348 Datasheet HTML 8Page - Silicon Laboratories SI5348 Datasheet HTML 9Page - Silicon Laboratories SI5348 Datasheet HTML 10Page - Silicon Laboratories SI5348 Datasheet HTML 11Page - Silicon Laboratories SI5348 Datasheet HTML 12Page - Silicon Laboratories SI5348 Datasheet HTML 13Page - Silicon Laboratories SI5348 Datasheet HTML 14Page - Silicon Laboratories SI5348 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
3.7.4 Input Configuration and Terminations
Inputs IN0-IN2 can be configured as differential or single-ended LVCMOS. Inputs IN3-IN4 are single-ended only. The recommended
input termination schemes are shown in the figure below. Standard 50% duty cycle signals must be ac-coupled, while low duty cycle
Pulsed CMOS signals can be dc-coupled. Unused inputs can be disabled and left unconnected when not in use.
Standard AC-coupled Single-Ended (IN0-IN2)
100
3.3 V, 2.5 V
LVPECL
INx
INx
50
50
50
Si5348
Si5348
3.3 V, 2.5 V, 1.8 V
LVCMOS
Pulsed CMOS
Standard
Standard
Pulsed CMOS
Pulsed CMOS DC-coupled Single-Ended
(IN0-IN2)
3.3 V, 2.5 V, 1.8 V
LVCMOS
INx
Pulsed CMOS
Standard
Si5348
50
R
2
R1
VDD
R1 (Ohm) R2 (Ohm)
1.8 V
324
665
2.5 V
511
475
3.3 V
634
365
Resistor values for
fIN_PULSED < 1 MHz
50
100
INx
3.3 V, 2.5 V
LVDS or
CML
50
Si5348
Pulsed CMOS
Standard
Standard AC-coupled Differential LVDS (IN0-IN2)
Standard AC-coupled Differential LVPECL (IN0-IN2)
IN3, IN4 – DC-coupled LVCMOS
50
Si5348
INx
INxb
INxb
INxb
INxb
Figure 3.8. Termination of Differential and LVCMOS Input Signals
Si5348 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 10


Número de pieza similar - SI5348

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5348 SKYWORKS-SI5348 Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
logo
Silicon Laboratories
SI5348-D SILABS-SI5348-D Datasheet
880Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-D SKYWORKS-SI5348-D Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
logo
Silicon Laboratories
Si5348-D-EVB SILABS-Si5348-D-EVB Datasheet
880Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-D-EVB SKYWORKS-SI5348-D-EVB Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
More results

Descripción similar - SI5348

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI5348-D SILABS-SI5348-D Datasheet
880Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-E SKYWORKS-SI5348-E Datasheet
1Mb / 52P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Rev. 0.95
SI5348-D SKYWORKS-SI5348-D Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
logo
Microsemi Corporation
ZL30361 MICROSEMI-ZL30361 Datasheet
347Kb / 5P
   IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer
May 2013
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
8A34011 RENESAS-8A34011 Datasheet
2Mb / 106P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
December 9, 2021
8A34013 RENESAS-8A34013 Datasheet
2Mb / 101P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com