Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si8284BD-IS Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza Si8284BD-IS
Descripción Electrónicos  4.0 Amp ISODrivers with Integrated DC-DC Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8284BD-IS Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si8284BD-IS Datasheet HTML 5Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 6Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 7Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 8Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 9Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 10Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 11Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 12Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
2.12.9 Low Supply Voltage Configuration
The low supply voltage configuration is used when 3.0 V to 5.5 V supply rails are available. All product options of the Si8281 and
Si8283 are intended for this configuration.
An advantage of Si828x devices over other converters that use this same topology is that the output voltage is sensed on the secon-
dary side without requiring additional optocouplers and support circuitry to bias those optocouplers. This allows the dc-dc to operate
with superior line and load regulation while reducing external components and increasing lifetime reliability.
In a typical isolated gate driver application, the dc-dc powers the Si8281 and Si8283 VDDB and VSSB as shown in the figure below.
The Si8281 and Si8283 dc-dc circuit in the figure below can deliver up to 2 W of output power for Vin = 5 V and 1 W for Vin = 3.3 V. The
dc-dc requires an input capacitor, C2, blocking capacitor, C1, transformer, T1, rectifying diodes, D1 and D2, and output capacitors, C26,
and C27. Resistors R1 and R2 divide the output voltage to match the internal reerence of the error amplifier. The ratio of the two secon-
dary windings, S1 and S2, splits the output voltage into two portions. The positive VDDB and the negative VSSB with common refer-
ence to VMID (IGBT Emitter).
VDDB = VOUT ×
( S1
S1 + S2 )
VSSB = − VOUT ×
( S2
S1 + S2 )
Type 1 loop compensation made by RCOMP and CCOMP are required at the COMP pin. The combination of RCOMP = 200 kΩ and
CCOMP = 1 nF satisfies most Si8281 and Si8283 dc-dc applications. Though it is not necessary for normal operation, we recommend
that an RC snubber (not shown) be placed in parallel with the secondary winding to minimize radiated emissions.
RDY
/FLT
VH
VL
Si8281/Si8283
Freq. Control
and Shutdown
Soft Start
UVLO
Power
FET
DC-DC
Controller
VSW
SH_FC
SS
VDDA
CSS
RFSW
Power
FET
Error Amp
and
Compensation
Encoder
UVLO
VDDB
VSNS
COMP
VSSB
R1
VSSB
Vin
C1
T1
D1
C26
HF RX
HF TX
R2
C2
RCOMP CCOMP
DSAT
Detection
HF RX
Driver
Miller
Clamp
CLMP
DSAT
VMID
HF TX
Decoder
Encoder
Decoder
/RST
+IN
-IN
Input
Control &
Reset
D2
C27
VDDP
S1
S2
VMID
Figure 2.5. Si8281/83 Block Diagram: 3 V–5 V Input to Split Voltage Output
2.12.10 High Supply Voltage Configuration
2h
=.w..]6+*28x9q\\-
Si8281/82/83/84 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 8


Número de pieza similar - Si8284BD-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI8284BD-IS SKYWORKS-SI8284BD-IS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
More results

Descripción similar - Si8284BD-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI8281 SKYWORKS-SI8281 Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com