Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK215-50Y Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza BUK215-50Y
Descripción Electrónicos  TOPFET high side switch SMD version of BUK210-50Y
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK215-50Y Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK215-50Y Datasheet HTML 5Page - NXP Semiconductors BUK215-50Y Datasheet HTML 6Page - NXP Semiconductors BUK215-50Y Datasheet HTML 7Page - NXP Semiconductors BUK215-50Y Datasheet HTML 8Page - NXP Semiconductors BUK215-50Y Datasheet HTML 9Page - NXP Semiconductors BUK215-50Y Datasheet HTML 10Page - NXP Semiconductors BUK215-50Y Datasheet HTML 11Page - NXP Semiconductors BUK215-50Y Datasheet HTML 12Page - NXP Semiconductors BUK215-50Y Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
BUK215-50Y
SMD version of BUK210-50Y
Fig.22. Typical battery to ground clamping voltage.
V
BG = f(Tj); parameter IG
Fig.23. Typical battery to load clamping voltage.
V
BL = f(Tj); parameter IL; condition IG = 10mA
Fig.24. Typical negative load clamping.
I
L = f(VLG); conditions VIG = = 0V, Tj = 25˚C
Fig.25. Typical negative load clamping voltage.
V
LG = f(Tj); parameter IL; condition VIG = = 0V
Fig.26. Typical reverse diode characteristic.
I
L = f(VBL); conditions VIG = 0 V, Tj = 25 ˚C
Fig.27. Typical overload characteristic, T
mb = 25 ˚C.
I
L = f(VBL); condition VBG = 16 V; parameter tp
50
55
60
65
-50
0
50
100
150
200
Tj /
OC
VBG / V
BUK215-50Y
IG =
1 mA
200 mA
-30
-25
-20
-15
-10
-50
0
50
100
150
200
Tj /
OC
BUK215-50Y
IL =
10 mA
10 A
VLG / V
50
55
60
65
-50
0
50
100
150
200
Tj /
OC
BUK215-50Y
IL =
1 mA
600 mA
VBL / V
IL / A
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-1.1
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
VBL / V
BUK215-50Y
IL / A
0
5
10
-30
-25
-20
-15
-10
VLG / V
BUK215-50Y
IL / A
0
5
10
15
20
25
30
35
40
45
50
02468
10
12
14
16
18
20
VBL / V
BUK215-50Y
Short circuit trip = 150us
VBL(TO) typ.
current limiting
May 2001
10
Rev 1.010


Número de pieza similar - BUK215-50Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK215-50YT PHILIPS-BUK215-50YT Datasheet
260Kb / 13P
   TOPFET high side switch SMD version
June 2000-Rev 1.000
More results

Descripción similar - BUK215-50Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK220-50Y PHILIPS-BUK220-50Y Datasheet
54Kb / 8P
   TOPFET high side switch SMD version of BUK219-50Y
July 2001-Rev 2.000
BUK206-50Y PHILIPS-BUK206-50Y Datasheet
124Kb / 13P
   TOPFET high side switch SMD version of BUK202-50Y
July 1996 Rev 1.000
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK214-50Y PHILIPS-BUK214-50Y Datasheet
48Kb / 8P
   TOPFET high side switch SMD version of BUK209-50Y
September 2002-Rev 2.000
BUK205-50Y PHILIPS-BUK205-50Y Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK201-50Y
July 1996 Rev 1.000
BUK207-50Y PHILIPS-BUK207-50Y Datasheet
123Kb / 13P
   TOPFET high side switch SMD version of BUK203-50Y
uly 1996 Rev 1.000
BUK215-50YT PHILIPS-BUK215-50YT Datasheet
260Kb / 13P
   TOPFET high side switch SMD version
June 2000-Rev 1.000
BUK217-50YT PHILIPS-BUK217-50YT Datasheet
38Kb / 8P
   TOPFET high side switch SMD version
September 2001-Rev 1.300
PIP3213-R PHILIPS-PIP3213-R Datasheet
45Kb / 8P
   TOPFET high side switch SMD version
September 2001 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com